Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3P48D50-16 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # E3P48D50-16
Description  Three-Phase Output to 75A 600 Vac DC Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

E3P48D50-16 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  E3P48D50-16 Datasheet HTML 1Page - Teledyne Technologies Incorporated E3P48D50-16 Datasheet HTML 2Page - Teledyne Technologies Incorporated E3P48D50-16 Datasheet HTML 3Page - Teledyne Technologies Incorporated E3P48D50-16 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
E3P 3
E3P\032003\Q1
Series E3P
ENVIRONMENTAL SPECIFICATION
Min
Max
Units
Operating Temperature
–40
100
°C
Storage Temperature
–40
100
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
E3P48D12
2500
Vrms
E3P48D25
2500
Vrms
All other relays
3300
Vrms
OUTPUT (LOAD) SPECIFICATION
Min
Max
Units
Operating Range
E3P48XXX-16
24
520
Vrms
E3P48
24
600
Vrms
Peak Voltage
All relays
1200
Vpeak
Load Current Range
12A output current
.005
12
A
25A output current
.005
25
A
50A output current
.005
50
A
75A output current
.005
75
A
Inductive Load Current
E3P with -16 option 50A output
12
Arms
E3P with -16 option 75A output
16
Arms
Maximum Surge Current Rating (Non-Repetitive)
12A output
120
A
25A output
230
A
50A output
550
A
75A output
1000
A
On-State Voltage Drop
All relays output current
1.4
V
Zero Cross Window (Typical)
E3P48DXX-16
12
V
E3P48
24
V
E3P48R
NA
Off-State Leakage Current (60Hz)
E3P48DXX-16
5
mA
All other relays
1
mA
Turn-On Time (60 Hz)
E3P48R
0.1
ms
All other relays
8.3
ms
Turn-Off Time (60 Hz)
All relays
8.3
ms
OUTPUT (LOAD) SPECIFICATION (Continued)
Min
Max
Units
Off-State dv/dt
All relays
500
V/
µs
Maximum di/dt (Non-Repetitive)
All relays
50
A/
µs
Operating Frequency Range
All relays
10
440
Hz
I2t for Match Fusing (<8.3ms)
12A output
72
A2S
25A output
265
A2S
50A output
1500
A2S
75A output
5000
A2S


Similar Part No. - E3P48D50-16

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D50 TELEDYNE-E3P2G48D50 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75 TELEDYNE-E3P2G48D75 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75-16 TELEDYNE-E3P2G48D75-16 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
List of Unclassifed Man...
E3PB ETC2-E3PB Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
More results

Similar Description - E3P48D50-16

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
   Three-Phase Output 25A 280 Vac DC control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
   Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
LS24D16C TELEDYNE-LS24D16C Datasheet
195Kb / 6P
   30A to 600 Vac SIP Package DC control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com