Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS24D10 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # FS24D10
Description  Output to 20A 280 Vac DC Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

FS24D10 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  FS24D10 Datasheet HTML 1Page - Teledyne Technologies Incorporated FS24D10 Datasheet HTML 2Page - Teledyne Technologies Incorporated FS24D10 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
FS 1
FS\032003\Q1
Output to 20A 280 Vac
DC Control
FEATURES/BENEFITS
• Miniature size package
• Designed for medium-power applications
• Faston or PCB terminals available
• Tight zero-cross window for low EMI
• Excellent thermal performance
• High immunity to surges
DESCRIPTION
The Series FS relays are designed for medium-power
loads. The design incorporates a triac output. The
Series FS relays utilize optical isolation to protect the
control from load transients. The FS compact
package is available with faston or PCB terminals.
Its compact size makes it ideal for designs where
space is limited. The Series FS relays have excellent
thermal performance.
APPLICATIONS
• Heating control
• Motor control
• Uninterruptible power supplies
• Light dimmers
• Industrial and process control
• On/Off controls of medium-power AC equipment
• Electromechanical line relay replacement
APPROVALS
All models are UL recognized.
UL File Number E128555.
Part Number
Description
FS24R10-06
10A, 280 Vac
FS24D10-06
10A, 280 Vac
FS24D10
10A, 280 Vac
FS24D20-06
20A, 280 Vac
Part Number Explanation
Series FS
NOTES
1) Line Voltage (nominal): 24 = 240 Vac
2) Switch Type: R = Random turn-on; D = Zero-cross turn-on;
3) Feature: -06 = Faston terminals
Figure 2 — FS relays
EQUIVALENT CIRCUIT
MECHANICAL SPECIFICATION
1.18 (30)
.83 (21)
.83 (21)
.16 (4)
.5 (12.7)
1.4 (35.5)
.08 (2)
.39
(10)
.34
(8.6)
.98 (25)
.46 (11.6)
.59 (15)
.19x.03
(4.8x0.8)
.25x.03
(6.35x0.8)
.32 (8)
.25 (6.4)
WEIGHT: 3.2 oz. (90g)
1.18 (30)
.83 (21)
.83 (21)
.16 (4)
.5 (12.7)
1.4 (35.5)
.08 (2)
.83 (21)
.59 (15)
.24 (6)
Ø 0.5 (1.32)
.2 (5.06)
.3 (7.62)
WEIGHT: 3.2 oz. (90g)
Figure 1a — FS relays except FS24D10
Figure 1b — FS24D10
ZERO
CROSS
1 ~
2 ~
3 +
4 –
R
FS
24
R
10
-06


Similar Part No. - FS24D10

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS24 GOOD-ARK-FS24 Datasheet
358Kb / 4P
   Surface Mount Schottky Rectifier
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
List of Unclassifed Man...
FS24-045 ETC2-FS24-045 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
FS24-045-C2 TRIAD-FS24-045-C2 Datasheet
56Kb / 1P
   CLASS 2/3 TRANSFORMER
FS24-045 TRIAD-FS24-045_13 Datasheet
88Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Similar Description - FS24D10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
SQ24D25 TELEDYNE-SQ24D25 Datasheet
60Kb / 2P
   Quad Output 25A 280 Vac DC control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
   Three-Phase Output 25A 280 Vac DC control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com