Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC723782N Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC723782N
Description  CMOS IC Electronic tuning system for car audio ETR Microcontrollers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723782N Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC723782N Datasheet HTML 6Page - Sanyo Semicon Device LC723782N Datasheet HTML 7Page - Sanyo Semicon Device LC723782N Datasheet HTML 8Page - Sanyo Semicon Device LC723782N Datasheet HTML 9Page - Sanyo Semicon Device LC723782N Datasheet HTML 10Page - Sanyo Semicon Device LC723782N Datasheet HTML 11Page - Sanyo Semicon Device LC723782N Datasheet HTML 12Page - Sanyo Semicon Device LC723782N Datasheet HTML 13Page - Sanyo Semicon Device LC723782N Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LC723781N/723782N/723783N/723784/723785
No.8011-11/14
Continued from preceding page.
Pin name
Pin No.
I/O
Pin explanation
Equivalent circuit
HCTR
90
I
Universal counter and general-purpose input shared function input port.
The IOS1 instruction is used for switching between the universal
counter and general- purpose input functions.
• When used for frequency measurement :
The universal counter function is set up with the IOS1 instruction.
The counter is controlled using UCS and UCC instructions.
Since this pin functions as an AC amplifier in this mode, the input
signal must be input with capacitor coupling.
• When used as a general-purpose input pin :
The general-purpose input function is set up with the IOS1
instruction.
Data is read from the port using the INR (b0) instruction.
Input is disabled in Backup mode. (The input pin will be pulled down.)
The universal counter function is selected after a power on reset.
LCTR
89
I
Universal counter (frequency or period measurement) and general-
purpose input shared function input port.
The IOS1 instruction is used for switching between the universal
counter and general-purpose input functions.
• When used for frequency measurement :
The universal counter function is set up with the IOS1 instruction.
Set up LCTR frequency measurement mode with the UCS
instruction, and control operation with the UCC instruction.
Since this pin functions as an AC amplifier in this mode, the input
signal must be input with capacitor coupling.
• When used for period measurement :
The universal counter function is set up with the IOS1 instruction.
Set up LCTR frequency measurement mode with the UCS
instruction, and control operation with the UCC instruction.
Since the bias feedback resistor is disconnected in this mode, the
input signal must be input with DC coupling.
• When used as a general-purpose input pin :
The general-purpose input port function is set up with the IOS1
instruction.
Data is read from the port using the INR (b1) instruction.
Input is disabled in Backup mode. (The input pin will be pulled down.)
The universal counter function (HCTR frequency measurement mode)
is selected after a power on reset.
SNS
88
I
Voltage sense and general-purpose input shared function port.
This input circuit is designed with a low input threshold voltage.
• When used as a voltage sense input :
The pin is used to test for power failures on the return from Backup
mode.
Application can test this condition using the internal SNS flip-flop.
The SNS flip-flop can be tested with the TST instruction.
(This usage requires external components, capacitors and resistors.
For the sample application circuit, see the user’s manual.)
• When used as a general-purpose input port :
When used as a general-purpose input port the pin state can be
tested with the TST instruction.
Unlike the other input ports, input to this pin is not disabled in Backup
mode and after a power on reset. As a result, through currents must
be taken into account when designing applications that use this pin as
a general-purpose input.
HOLD
87
I
Power supply monitor (with interrupt function)
This is designed with a high input threshold voltage.
This pin is normally connected to the ACC line and used for power off
detection.
When a power off state is detected, the HOLDON flag and the hold
interrupt request flag will be set.
To enter Backup mode, execute a CKSTP instruction when the HOLD
pin is low. Set this pin high to clear Backup mode.
Continued on next page.


Similar Part No. - LC723782N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723732 SANYO-LC723732 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723740 SANYO-LC723740 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723748 SANYO-LC723748 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723756 SANYO-LC723756 Datasheet
230Kb / 14P
   ETR Microcontrollers
LC723764 SANYO-LC723764 Datasheet
230Kb / 14P
   ETR Microcontrollers
More results

Similar Description - LC723782N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com