Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF103-12 Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # RF103-12
Description  HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

RF103-12 Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  RF103-12 Datasheet HTML 1Page - Teledyne Technologies Incorporated RF103-12 Datasheet HTML 2Page - Teledyne Technologies Incorporated RF103-12 Datasheet HTML 3Page - Teledyne Technologies Incorporated RF103-12 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GENERAL ELECTRICAL SPECIFICATIONS (@25°C)
DETAILED ELECTRICAL SPECIFICATIONS (@ 25°C)
GENERAL NOTES
1. Relays will exhibit no contact chatter in excess of 10 µs or transfer in excess of 1 µs.
Contact arrangement
DPDT
Rated duty
Continuous
Contact resistance
.100 ohm max. initial (measured 1/8” from the header)
Contact load rating
Low level: 10 to 50 µA, 10 to 50 mV
Contact life rating
10,000,000 cycles typical at low level
Coil operating power
RF100: 450 mW typical @ nominal rated voltage
RF103: 200 mW typical @ nominal rated voltage
Operate time
RF100
4.0 ms. max.
RF103
6.0 ms. max.
Release time
RF100
3.0 ms. max.
RF103
3.0 ms. max.
Intercontact capacitance
0.4 pF typical
Insulation resistance
1,000 M
Ω min. (between mutually isolated terminals)
Dielectric strength
350 VRMS / 60 Hz @ atmospheric pressure
BASE PART NUMBERS
RF100-5
RF103-5
RF100-12
RF103-12
Coil voltage, nominal, VDC
5.0
12.0
Coil resistance, ohms ± 20%
RF100
50
390
RF103
100
800
Pick-up voltage max, VDC
3.6
9.0
• TERMINAL NUMBERING AND SCHEMATIC ARE AS VIEWED FROM THE TERMINALS.
• DIMENSIONS ARE IN INCHES (MILLIMETERS).
• SCHEMATIC AND EXTERNAL DIMENSIONS SHOWN WITHOUT GROUND PINS.
• TO ORDER THE CASE GROUND OPTION, AFTER THE SERIES DESIGNATOR, ADD “Y” TO
THE PART NUMBER FOR TAB POSITION OR “Z” TO THE PART NUMBER FOR CENTER
POSITION .
EXAMPLE: RF1##Y-COIL VOLTAGE
SERIES RF100 and RF103
OUTLINE DIMENSIONS
EXTERNAL DIMENSIONS
TERMINAL NUMBERING
SCHEMATIC
TELEDYNE RELAYS
©1998
12525 Daphne Ave.
Hawthorne, CA 90250
(213) 777-0077
http://www.teledynerelays.com.
.031 (.79)
REF.
.035 (.89)
REF.
1
2
3
4
5
6
7
8
H DIMENSION
RF100
RF103
.290
(7.37)
.395
(10.03)
MAX.
.017
+.002
-.001
(
)
.43
+.05
-.03
.335
(8.51)
SQ. MAX.
.375
(9.53)
SQ. MAX.
H
.75 (19.05) MIN.
0.100 ± 0.010
(2.54 ± 0.25)


Similar Part No. - RF103-12

ManufacturerPart #DatasheetDescription
logo
Rohm
RF103L2S ROHM-RF103L2S Datasheet
32Kb / 3P
   Fast recovery Diode
More results

Similar Description - RF103-12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A152-20-5 TELEDYNE-A152-20-5 Datasheet
229Kb / 7P
   HIGH REPEATABILITY ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF310-5 TELEDYNE-RF310-5 Datasheet
117Kb / 4P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5 RF BYPASS RELAY DC TO 3 GHz
GRF100 TELEDYNE-GRF100 Datasheet
494Kb / 4P
   HIGH REPEATABILITY,SMT DPDT, BROADBAND 6 GHz,CENTIGRID® RELAYS
09/2021
RF131 TELEDYNE-RF131 Datasheet
908Kb / 6P
   HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps NON-LATCHING RF RELAY
11/2021
RF121 TELEDYNE-RF121 Datasheet
892Kb / 6P
   HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY
09/2021
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
GRF121A TELEDYNE-GRF121A Datasheet
903Kb / 6P
   SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ 40GBPS MAGNETIC-LATCHING RF RELAY
06/2021
GRF131 TELEDYNE-GRF131 Datasheet
1Mb / 6P
   SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ,40GBPS NON-LATCHING RF RELAY
11/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com