Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS24D4G Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # PS24D4G
Description  Output to 5A, 30 Vdc AC/DC Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PS24D4G Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  PS24D4G Datasheet HTML 1Page - Teledyne Technologies Incorporated PS24D4G Datasheet HTML 2Page - Teledyne Technologies Incorporated PS24D4G Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
PS 3
PS\032003\Q1
Series PS
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Maximum Junction Temperature
125
°C
Operating Temperature
PS24D4G
–40
100
°C
PS3R5G
–40
100
°C
Input-Output Isolation
PS24D4G
4000
V
PS3R5G
2500
V
Junction-Case Thermal Resistance
PS24D4G
7.4
°C/W
PS3R5G
12
°C/W
Junction-Ambient Thermal Resistance
PS24D4G
30
°C/W
PS3R5G
41
°C/W
Case Thermal Delay Time
PS24D4G
6
minute
PS3R5G
8
minute
Maximum Soldering Heat (1mm case)
260
°C
NOTES:
1. Electrical specifications at 25
°C unless otherwise specified.
2. On inductive loads, a free-wheeling diode (or clamp) is
recommended.
3. PS3R5G no polarity on the control pins.
4. For additional/custom options, contact factory.
THERMAL CURVE
Tjmax=125
°C
Tc=90
°C
4.5
5.0
110
010
20
30405060708090
100
0
4.0
3.5
3.0
2.5
100
95
105
110
115
120
2.0
1.5
1.0
0.5
Ambient Temperature (
°C)
Figure 5a — PS24D4G
Tj=125°C
Tc=90
°C
100
95
90
105
110
115
120
6
7
8
110
010
20
304050
60
708090
100
5
4
3
2
1
0
Ambient Temperature (
°C)
Figure 5b — PS3R5G
Number of Cycles
90
80
70
60
50
40
30
20
10
0
110
100
1000
Figure 6a — PS24D4G
t (s)
25
20
15
10
5
0
110
100
1000
Figure 6b — PS3R5G
NON-REPETITIVE SURGE CURRENT


Similar Part No. - PS24D4G

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS24 DBLECTRO-PS24 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
GOOD-ARK Electronics
PS24 GOOD-ARK-PS24 Datasheet
452Kb / 4P
   Surface Mount Schottky Rectifier
logo
Clare, Inc.
PS2401 CLARE-PS2401 Datasheet
85Kb / 5P
   AC Power Switch
PS2401 CLARE-PS2401 Datasheet
91Kb / 4P
   AC Power Switch
PS2401 CLARE-PS2401 Datasheet
101Kb / 5P
   AC Power Switch
More results

Similar Description - PS24D4G

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
DX22R1E-02 TELEDYNE-DX22R1E-02 Datasheet
73Kb / 2P
   3A to 220 Vdc DIN Rail Relay, AC/DC Control
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com