Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM200CLA060 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PM200CLA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200CLA060 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM200CLA060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM200CLA060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2005
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Connect low impedance capacitor between the Vcc and GND terminal of each fast switching opto-coupler.
Fast switching opto-couplers: tPLH, tPHL ≤ 0.8µs, Use High CMR type.
Slow switching opto-coupler: CTR > 100%
Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
: Interface which is the same as the U-phase
Fig. 8 Application Example Circuit
OUT
Si
OT
OT
OT
OT
OT
OT
GND
GND
In
Vcc
U
V
W
NC
N
P
M
¡
IF
+
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Fo
Fo
Fo
Fo
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
VWP1
WP
VWPC
UN
VN
VN1
WN
VNC
1.5k
1.5k
1.5k
1.5k
Fo
VVP1
VP
VVPC
≥0.1
µ
1k
≥0.1
µ
≥0.1
µ
20k
20k
20k
≥10
µ
≥10
µ
≥10
µ
20k
≥10
µ
≥0.1
µ
VFo
WFo
UFo
VUP1
UP
VUPC
NC
¡
¡
IF
IF
IF
5V
¡
VD
VD
VD
VD


Similar Part No. - PM200CLA060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200CLA060 MITSUBISHI-PM200CLA060 Datasheet
100Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200CLA060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com