Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24D25-22 Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # S24D25-22
Description  Single Output to 125A 660 Vac AC/DC Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S24D25-22 Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  S24D25-22 Datasheet HTML 1Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 2Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 3Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 4Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
S\032003\Q1
Series S
Operating Frequency
All relays
0.1
440
Hz
I2t for match fusing (<8.3ms)
12A output current
72
A2S
S24R25
312
A2S
S24D/S24A 25A output current
288
A2S
S48 25A output current
265
A2S
40A output current
612
A2S
50A output current
1500
A2S
75A output current
5000
A2S
95A output current
11000
A2S
125A output current
20000
A2S
ENVIRONMENTAL SPECIFICATION
Min
Max
Units
Operating Temperature
–40
100
°C
Storage Temperature
–40
100
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
12A output current
2500
Vrms
25A output current
2500
Vrms
40A output current, R
2500
Vrms
40A output current, D
3300
Vrms
40A output current, A
3300
Vrms
50A output current
3300
Vrms
75A output current
3300
Vrms
95A output current
3300
Vrms
125A output current
3300
Vrms
OUTPUT (LOAD) SPECIFICATION (Continued)
Input Type
Min
Max
Units
10
1
0.1
0.01
50
100
150
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70°C
110
0.1
0.01
0
50
100
150
200
250
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70°C
110
0.1
0.01
0
100
200
300
400
t(s)
Non-Repetitive
Repetitive with initial Tj = 70°C
110
0.1
0
0
200
400
600
0
t(s)
Non-Repetitive
Repetitive with initial Tj = 70°C
t(s)
10
1
0.1
0.01
500
1000
1500
0
Non-Repetitive
Repetitive with initial Tj = 70°C
110
1
0.1
0.01
0
500
1000
1500
2000
t(s)
Non-Repetitive
Repetitive with initial Tj = 70°C
SURGE CURRENT (continued)
Figure 4a — 12A output current
Figure 4b — 25A output current
Figure 4c — 40A output current
Figure 4d — 50A output current
Figure 4e — 75A output current
Figure 4g — 125A output current
SURGE CURRENT
Figure 4f — 95A output current
t(s)
Repetitive with initial Tj = 70°C
Non-Repetitive
110
0.1
0.01
0
500
1000
1500


Similar Part No. - S24D25-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
logo
Delta Electronics, Inc.
S24DE DELTA-S24DE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE DELTA-S24DE Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24DE05002NPFA DELTA-S24DE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NPFH DELTA-S24DE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24D25-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
   Output to 20A 280 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com