Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48A25-22 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # S48A25-22
Description  Single Output to 125A 660 Vac AC/DC Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S48A25-22 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  S48A25-22 Datasheet HTML 1Page - Teledyne Technologies Incorporated S48A25-22 Datasheet HTML 2Page - Teledyne Technologies Incorporated S48A25-22 Datasheet HTML 3Page - Teledyne Technologies Incorporated S48A25-22 Datasheet HTML 4Page - Teledyne Technologies Incorporated S48A25-22 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
S 3
S\032003\Q1
OUTPUT (LOAD) SPECIFICATION
Input Type
Min
Max
Units
Operating Range
S24
12
280
Vrms
S48
24
520
Vrms
S60
24
660
Vrms
Peak Voltage
S24
600
Vpeak
S48
1200
Vpeak
S60
1600
Vpeak
Load Current Range (Resistive)
12A output current
.005
12
Arms
25A output current
.005
25
Arms
40A output current
.005
40
Arms
50A output current
.005
50
Arms
75A output current
.005
75
Arms
95A output current
.005
95
Arms
125A output current
.005
125
Arms
Inductive Load Current
12A output current
2.5
Arms
25A output current
5
Arms
40A output current
9
Arms
50A output current
12
Arms
75A output current
16
Arms
95A output current
20
Arms
125A output current
30
Arms
Capacitive Load Current
S60D50
13
Arms
S60D75
24
Arms
S60D90
36
Arms
S60D125
48
Arms
Maximum Surge Current Rating (Non-Repetitive)
12A output current
120
A
S24, 25A output current
240
A
S24R25
250
A
S48, 25A output current
230
A
40A output current
350
A
50A output current
550
A
75A output current
1000
A
95A output current
1500
A
Series S
Maximum Surge Current Rating (Non-Repetitive)
(Continued)
125A output current
2000
A
On-State Voltage Drop
12A output current
1.3
V
25A output current
1.2
V
40A output current
1.4
V
50A output current
1.4
V
75A output current
1.35
V
S60D75
1.3
V
95A output current
1.3
V
S60D90
1.15
V
125A output current
1.3
V
S60D125
1.1
V
Zero-Cross Window (Typical)
SR
NA
S
D/A
±12
Vac
Off-State Leakage Current (60Hz)
S24
3
mA
S48
D/A
3
mA
S48
R
2.5
mA
S60
A
1
mA
Turn-On Time (60 Hz)
SR
0.1
ms
SD
8.3
ms
SA
24.9
ms
Turn-Off Time (60 Hz)
S
R/D
8.3
ms
SA
24.9
ms
Off-State dv/dt
All relays
500
V/
µs
Maximum di/dt (Non-Repetitive)
All relays
50
A/
µs
OUTPUT (LOAD) SPECIFICATION (Continued)
Input Type
Min
Max
Units


Similar Part No. - S48A25-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48A125 TELEDYNE-S48A125 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
S48A50 TELEDYNE-S48A50 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results

Similar Description - S48A25-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
   Output to 20A 280 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com