Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM8610 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM8610
Description  SBS Telecom Standard Product Data Sheet Preliminary
Download  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8610 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM8610 Datasheet HTML 5Page - PMC-Sierra, Inc PM8610 Datasheet HTML 6Page - PMC-Sierra, Inc PM8610 Datasheet HTML 7Page - PMC-Sierra, Inc PM8610 Datasheet HTML 8Page - PMC-Sierra, Inc PM8610 Datasheet HTML 9Page - PMC-Sierra, Inc PM8610 Datasheet HTML 10Page - PMC-Sierra, Inc PM8610 Datasheet HTML 11Page - PMC-Sierra, Inc PM8610 Datasheet HTML 12Page - PMC-Sierra, Inc PM8610 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 338 page
background image
SBS Telecom Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
9
Document ID: PMC-2000168, Issue 3
Register 032H: ICASM CAS Enable Indirect Access Data Register ...............................140
Register 038H: ISTT Tributary Translator Control RAM Indirect Access Address
Register ..................................................................................................................141
Register 039H: ISTT Tributary Translator Control RAM Indirect Access Control
Register ..................................................................................................................142
Register 03AH: ISTT Tributary Translator Control RAM Indirect Access Data
Register ..................................................................................................................143
Register 040H: OSTT Tributary Translator Control RAM Indirect Access Address
Register ..................................................................................................................144
Register 041H: OSTT Tributary Translator Control RAM Indirect Access Control
Register ..................................................................................................................145
Register 042H: OSTT Tributary Translator Control RAM Indirect Access Data
Register ..................................................................................................................146
Register 048H: OMSU Configuration ..............................................................................147
Register 049H: OMSU Interrupt Status and Memory Page Update Register .................148
Register 04AH: OMSU Indirect Time Switch Address.....................................................149
Register 04BH: OMSU Indirect Time Switch Data ..........................................................151
Register 050H: OCASM CAS Enable Indirect Access Address Register........................152
Register 051H: OCASM CAS Enable Indirect Access Control Register .........................153
Register 052H: OCASM CAS Enable Indirect Access Data Register .............................154
Register 060H: OSTA Outgoing Configuration and Parity..............................................155
Register 061H: OSTA Outgoing J1 Configuration ...........................................................157
Register 062H: OSTA Outgoing V1 Configuration ..........................................................158
Register 063H: OSTA H1-H2 Pointer Value ....................................................................159
Register 064H: OSTA Alternate H1-H2 Pointer Value.....................................................160
Register 065H: OSTA H1-H2 Pointer Selection ..............................................................161
Register 066H: OSTA Tributary Output Enable Indirect Access Address Register .........162
Register 067H: OSTA Tributary Output Enable Indirect Access Control Register ..........163
Register 068H: OSTA Tributary Output Enable Indirect Access Data Register ..............164
Register 070h: WPP Indirect Address .............................................................................165
Register 071h: WPP Indirect Data...................................................................................167
Register 071h (IADDR = 0h): WPP Monitor STS-1 path Configuration ..........................168
Register 071h (IADDR = 1h): WPP Monitor PRBS[22:7] Accumulator ...........................170
Register 071h (IADDR = 2h): WPP Monitor PRBS[6:0] Accumulator .............................171
Register 071h (IADDR = 4h): WPP Monitor Error count .................................................172
Register 071h (IADDR = 8h): WPP Generator STS-1 path Configuration ......................173
Register 071h (IADDR = 9h): WPP Generator PRBS[22:7] Accumulator .......................175


Similar Part No. - PM8610

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
58Kb / 4P
   SBI Bus Serializer / STS-12 Time Slot Interchange
PM8610 PMC-PM8610 Datasheet
44Kb / 2P
   SBI Bus Serializer / STS-12 Time Slot Interchange
PM8610-1 PMC-PM8610-1 Datasheet
44Kb / 2P
   SBI Bus Serializer / STS-12 Time Slot Interchange
PM8610SBS PMC-PM8610SBS Datasheet
44Kb / 2P
   SBI Bus Serializer / STS-12 Time Slot Interchange
More results

Similar Description - PM8610

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
   SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM7325 PMC-PM7325 Datasheet
2Mb / 2P
   S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
   NSE-8G??Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
   NSE-20G??Standard Product Data Sheet Preliminary
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
   PRELIMINARY DATA SHEET
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com