Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F2832A Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC87F2832A
Description  CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F2832A Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC87F2832A Datasheet HTML 9Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 10Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 11Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 12Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 13Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 14Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 15Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 16Page - Sanyo Semicon Device LC87F2832A Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LC87F2832A
No.A0478-13/27
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option selected in
units of
Option type
Output type
Pull-up resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
Nch-open drain
No
1
CMOS
Programmable
P10 to P17
1 bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
P20 to P27
1 bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
P30 to P33
1 bit
2
Nch-open drain
Programmable
P70
-
No
Nch-open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
P80 to P86
-
No
Nch-open drain
No
PWM2, PWM3
-
No
CMOS
No
1
CMOS
Programmable
PB0 to PB7
1 bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
PC0 to PC7
1 bit
2
Nch-open drain
Programmable
XT1
-
No
Input for 32.768kHz crystal oscillator
(Input only)
No
XT2
-
No
Output for 32.768kHz crystal oscillator
(Nch-open drain when in general-purpose
output mode)
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4-bit units (P00 to 03, P04 to 07).
*1: Connect the IC as shown below to minimize the noise input to the VDD1 pin.
Be sure to electrically short the VSS1, VSS2, and VSS3 pins.
*2: The internal memory is sustained by VDD1. If none of VDD2 and VDD3 are backed up, the high level output at the
ports are unstable in the HOLD backup mode, allowing through current to flow into the input buffer and thus
shortening the backup time.
Make sure that the port outputs are held at the low level in the HOLD backup mode.
Power
supply
LSI
VDD1
For backup *2
VDD2
VDD3
VSS3
VSS2
VSS1


Similar Part No. - LC87F2832A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2832A SANYO-LC87F2832A Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F2832A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com