Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC87F2832A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC87F2832A
Description  CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC87F2832A Datasheet(HTML) 1 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
N1506HKIM 20060629-S00005 No.A0478-1/27
Ver.1.00
LC87F2832A
Overview
The SANYO LC87F2832A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time
of 83.3ns, integrates on a single chip a number of hardware features such as 32K-byte flash ROM (onboard
programmable), 1024-byte RAM, an on-chip debugger, sophisticated 16-bit timers/counters (may be divided into 8-bit
timers), a 16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a
prescaler, a base timer serving as a time-of-day clock, a high-speed clock counter, a synchronous SIO interface (with
automatic block transmission/reception capabilities), an asynchronous/synchronous SIO interface, a UART interface (full
duplex), an 8-bit 11-channel AD converter, two 12-bit PWM channels, a system clock frequency divider, frequency
variable RC oscillation circuit , and a 25-source 10-vector interrupt feature.
Features
Flash ROM
• Capable of on-board-programing with wide range, 3.0 to 5.5V, of voltage source.
• Block-erasable in 128-byte units
• Writable in 2-byte units
• 32768 × 8 bits (LC87F2832A)
RAM
• 1024 × 9 bits (LC87F2832A)
Minimum Bus Cycle
• 83.3ns (12MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 250ns (4MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA0478
CMOS IC
FROM 32K byte, RAM 1024 byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn