Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F1964A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC87F1964A
Description  CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1964A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC87F1964A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LC87F1964A
No.A0496-4/28
Subroutine Stack Levels : 2560 levels (the stack is allocated in RAM)
High-speed Multiplication/Division Instructions
• 16 bits × 8 bits
(5 tCYC execution time)
• 24 bits × 16 bits
(12 tCYC execution time)
• 16 bits ÷ 8 bits
(8 tCYC execution time)
• 24 bits ÷ 16 bits
(12 tCYC execution time)
Oscillation Circuits
• RC oscillation circuit (internal): For system clock
• CF oscillation circuit:
For system clock, USB interface
• Crystal oscillation circuit:
For system clock, time-of-day clock
• PLL circuit (internal):
For USB interface (see Fig.5)
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by a system reset or occurrence of an interrupt.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The PLL base clock generator, CF, RC and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an bus active interrupt source established in the USB host controller circuit
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The PLL base clock generator, CF and RC oscillator automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an bus active interrupt source established in the USB host controller circuit
Package Form
• SQFP48(7×7):
Lead-free type
• QIP48E(14×14):
Lead-free type
Development Tools
• On-chip debugger: TCB87 type-B + LC87F1964A
Flash ROM programming boards
Package
Programming boards
QIP48E(14
×14)
W87F55256Q
SQFP48(7
×7)
W87F55256SQ
Recommended EPROM programmer
Maker
Model
Supported version
Device
Flash Support Group, Inc.
(Single)
AF9708/AF9709/AF9709B
(including product of Ando Electric Co.,Ltd)
After Rev02.65
LC87F1964A
SANYO
SKK (SANYO FWS)
Application Version: After 1.03
Chip Data Version: After 2.01
LC87F1964


Similar Part No. - LC87F1964A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F17C8A ONSEMI-LC87F17C8A Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
LC87F17C8AUWA-2H ONSEMI-LC87F17C8AUWA-2H Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
More results

Similar Description - LC87F1964A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1D64A SANYO-LC87F1D64A Datasheet
197Kb / 29P
   CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com