Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM150CBS060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. PM150CBS060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM150CBS060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM150CBS060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM150CBS060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
MITSUBISHI <INTELLIGENT POWER MODULES>
PM150CBS060
FLAT-BASE TYPE
INSULATED PACKAGE
PM150CBS060
FEATURE
a) Adopting 4th generation IGBT chip, which performance is
improved by 1
µm fine rule process.
For example, typical Vce(sat)=1.7V
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
c) Over-temperature protection by detecting Tj of the IGBT
chips
•3
φ 150A, 600V Current-sense IGBT type inverter
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
• Acoustic noise-less 15kW class inverter application
APPLICATION
Servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
LABEL
5
3
9
15
7
19
19
19
19
W
V
U
N
P
MOUNTING HOLES
φ5.5
R7
120
106±0.3
7
23.79
2.54
2.54
10.16
4
1
7
10
15
2.54
2.54
2.54
10.16
2.54
2.54 2.54
10.16
2.54
2.54 2.54
Terminal code
1. VWPC
2. WP
3. VWP1
4. VVPC
5. VP
6. VVP1
7. VUPC
8. UP
9. VUP1
10. VNC
11. VN1
12. WN
13. VN
14. UN
15. Fo
6.5
11
10


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RSE060_05 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM25CLB120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM75B4LB060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM20CNJ060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSA060_00 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSD060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSD120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSE060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RLA120_05 INTELLIGENT POWER MODULES> FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn