Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM100RSE060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. PM100RSE060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100RSE060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM100RSE060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM100RSE060_05 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN • Br-VNC
ID
°C
V
mA
ms
60
18
1.8
2.3
520
430
125
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Over Current Trip Level
Short Circuit Trip Level
Over Current Delay Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
Vth(ON)
Vth(OFF)
OC
SC
toff(OC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Reset level
Trip level
Reset level
CONTROL PART
1.2
1.7
264
158
39
111
11.5
1.0
Parameter
Symbol
Test Condition
Max.
Min.
Typ.
Unit
Limits
44
13
1.5
2.0
311
53
360
79
10
118
100
12.0
12.5
10
1.8
(Note-3) Fault output is given only when the internal OC, SC, OT & UV protection.
Fault output of OT protection operate by lower arm.
Fault output of OC, SC protection given pulse.
Fault output of OT, UV protection given pulse while over level.
Base-plate
Temperature detection, VD = 15V
–20
≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-3)
VD = 15V
(Note-3)
V
µs
3.5
3.5
Main terminal
screw : M5
Mounting part
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Test Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
560
MECHANICAL RATINGS AND CHARACTERISTICS
VN1-VNC
VXP1-VXPC
Tj = –20
°C
Tj = 25
°C
Tj = 125
°C
Inverter part
Brake part
A
A
VCE(sat)
ICES
VFM
V
mA
Min.
Typ.
Max.
V
Collector-Emitter
Saturation Voltage
FWDi Forward Voltage
Collector-Emitter
Cutoff Current
IF = 30A
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
Unit
Parameter
Symbol
Test Condition
Limits
2.5
2.6
3.5
1
10
1.8
1.9
2.5
Tj = 25
°C
Tj = 125
°C
BRAKE PART
VD = 15V, IC = 30A
VCIN = 0V, Pulsed
(Fig. 1)
VCE = VCES, VCIN = 15V
(Fig. 4)
Inverter part
VD = 15V
(Fig. 5,6)
Break part
–20
≤ Tj ≤ 125°C, VD = 15V
(Fig. 5,6)
–20
≤ Tj ≤ 125°C, VD = 15V (Fig. 5,6)
VD = 15V
(Fig. 5,6)
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Test Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-4)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN • Br-VNC
Using Application Circuit input signal of IPM, 3
φ
sinusoidal PWM VVVF inverter
(Fig. 8)
For IPM’s each input signals
(Fig. 7)
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
Arm Shoot-through
Blocking Time
≤ 400
15
± 1.5
≤ 0.8
≥ 4.0
≤ 20
≥ 2.5
VCC
VCIN(ON)
VCIN(OFF)
fPWM
tdead
VD
V
kHz
µs
V
(Note-4) Allowable Ripple rating of Control Voltage : dv/dt
≤ ±5V/µs, 2Vp-p


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PM100RLA120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM25CLB120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM75B4LB060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM20CNJ060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSA060_00 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSD060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSD120 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RSE060 INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM100RLA120_05 INTELLIGENT POWER MODULES> FLAT-BASE TYPE INSULATED PACKAGE 1  2  3  4  5  More Mitsubishi Electric Semiconductor
PM50RLB120 FLAT-BASE TYPE INTELLIGENT POWER MODULES 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn