Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5125TBI-10-GT10 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT5125TBI-10-GT10
Description  32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5125TBI-10-GT10 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT5125TBI-10-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 9Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 10Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 11Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 12Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 13Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 14Page - Catalyst Semiconductor CAT5125TBI-10-GT10 Datasheet HTML 15Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125

Doc No. MD-220, Rev. F
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
exAMPle OF OrDerInG InFOrMATIOn
Prefix
Device #
Suffix
5110
SD
Product Number
Package
CAT
I
T3
Tape & Reel
T: Tape & Reel
3: 3000 units/reel
10: 10000 units/reel
-10
Resistance
-10: 10kohms
-50: 50kohms
-00: 100kohms
-G
Lead Finish
G: NiPdAu
Blank: Matte-Tin
SD: SC70
TB: SOT23
Temperature Range
I: Inductrial (-40ºC to +85ºC)
5110
5118
5119
5123
5124
5125
Optional
Company ID
notes:
() All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The device used in the example above is a CAT5110SDI-10 -GT3 (NiPdAu, Tape and Reel).
(3) The standard finish is NiPdAu.
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.


Similar Part No. - CAT5125TBI-10-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5125TBI-10-GT10 CATALYST-CAT5125TBI-10-GT10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5125TBI-10-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com