Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0995020 Datasheet(PDF) 1 Page - Littelfuse

Part # 0995020
Description  JCASE짰 Cartridge Fuse Rated 58V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0995020 Datasheet(HTML) 1 Page - Littelfuse

  0995020 Datasheet HTML 1Page - Littelfuse 0995020 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cartridge Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse Automotive Circuit Protection Products
JCASE fuse for 42V PowerNet applications. Same Time-Current
characteristic as the 32V JCASE fuse. Fits to standard JCASE
fuse sockets. A rejection feature prevents fuses with lower
voltage rating from being wrongfully inserted into the circuit.
Current rating 20A – 60A, 58 VDC max.
JCASE-Sicherung für 42V PowerNet-Anwendungen haben die
gleiche Zeit-Strom-Charakteristik wie die 32V JCASE-Sicherung.
Die Sicherung passt in Standard-JCASE-Sicherungshalter und
hat eine Sperrfunktion, die eine versehentliche Verwendung
von Sicherungen mit niedrigerer Nennspannung verhindert.
Nennstrom 20A bis 60A, 58 VDC max.
Specifications
Voltage Rating:
58 VDC
Interrupting Rating:
1000A @ 58 VDC
Operating Temperature Range:
-40˚C to +125˚C
Insertion Force:
Extraction Force:
JCASE® Cartridge Fuse Rated 58V
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
110
100 h / –
135
60 s / 1800 s
200
4.0 s / 60.0 s
350
200 ms / 7.0 s
600
40 ms / 1.0 s
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Housing Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
0995020_
20 A
106 mV
4.29 m
Ω
1750 A²s
0995025_
25 A
101 mV
3.28 m
Ω
3220 A²s
0995030_
30 A
91 mV
2.12 m
Ω
1480 A²s
0995040_
40 A
87 mV
1.30 m
Ω
3650 A²s
0995050_
50 A
88 mV
0.99 m
Ω
8750 A²s
0995060_
60 A
87 mV
0.76 m
Ω
19500 A²s
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Corresponding holder see Section “Fuse Holders.”


Similar Part No. - 0995020

ManufacturerPart #DatasheetDescription
logo
Heyco.
0995 HEYCO-0995 Datasheet
105Kb / 1P
   PVC and Nylon LED Spacers
0995 HEYCO-0995 Datasheet
115Kb / 1P
   Surface Mount Miniature Connectors
More results

Similar Description - 0995020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0895020 LITTELFUSE-0895020 Datasheet
156Kb / 1P
   Low Profile JCASE짰 Fuses Rated 58V
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
   Blade Fuse Rated 58V
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
   MINI짰 Blade Fuse Fuse Rated 58V
JCASE LITTELFUSE-JCASE Datasheet
172Kb / 2P
   JCASE짰 FHJ SERIES IN-LINE CARTRIDGE FUSE HOLDER
2021
255.1000.000 LITTELFUSE-255.1000.000_1 Datasheet
156Kb / 1P
   Battery Clamp for CF8 Fuse Rated 58V
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
   FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
   TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
   FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
HLJC LITTELFUSE-HLJC Datasheet
237Kb / 1P
   HLJC SERIES JCASE짰 FUSE HOLDER
Rev: 011020
0FHJ3003U LITTELFUSE-0FHJ3003U Datasheet
147Kb / 1P
   Low Profile JCASE짰 Panel-Mount Fuse Holder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com