Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD55035TR-E Datasheet(PDF) 19 Page - STMicroelectronics

Part No. PD55035TR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035TR-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PD55035TR-E Datasheet HTML 14Page - STMicroelectronics PD55035TR-E Datasheet HTML 15Page - STMicroelectronics PD55035TR-E Datasheet HTML 16Page - STMicroelectronics PD55035TR-E Datasheet HTML 17Page - STMicroelectronics PD55035TR-E Datasheet HTML 18Page - STMicroelectronics PD55035TR-E Datasheet HTML 19Page - STMicroelectronics PD55035TR-E Datasheet HTML 20Page - STMicroelectronics PD55035TR-E Datasheet HTML 21Page - STMicroelectronics PD55035TR-E Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
PD55035-E, PD55035S-E
Package mechanical data
19/22
Figure 22.
Tube information


Similar Part No. - PD55035TR-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55035S STMICROELECTRONICS-PD55035S Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
List of Unclassifed Manufacturers
List of Unclassifed Man...
PD55035S ETC1-PD55035S Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
STMicroelectronics
STMicroelectronics
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
   35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
March 2022 Rev 1
More results

Similar Description - PD55035TR-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz