Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5119SDI-50-GT10 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5119SDI-50-GT10
Description  32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5119SDI-50-GT10 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5119SDI-50-GT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 9Page - Catalyst Semiconductor CAT5119SDI-50-GT10 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
6
Doc. No. MD-220, Rev. F
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPlICATIOns InFOrMATIOn
The MiniPots are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display
contrast.
AlTernATIVe POsITIVe lCD bIAs COnTrOl
An op amp can be used to provide buffering and gain on
the output of the CAT50/CAT525. This can be done
by connecting the wiper output to the positive input of
a noninverting op amp as shown in Figure 3. Figure 4
shows a similar circuit for the CAT59/CAT524.
Figure 3. Positive lCD bias Control
Figure 4. Positive lCD bias Control
ADjusTAble GAIn
Figure 5 shows how to use either a variable resistor or a
potentiometertodigitallyadjustthegainofanoninverting
op amp configuration, by connecting the Minipot in
series with a resistor to ground. The MiniPots have a low
5ppm/ºC ratiometric tempco that allows for a very stable
adjustable gain configuration over temperature.
Figure 5a. Adjustable Gain Circuit
Figure 5b. Adjustable Gain Circuit
30V
W
L
H
+5V
VOUT
CAT5110/CAT5125
30V
L
H
+5V
VOUT
CAT5119/CAT5124
VCC
L
H
VIN
VOUT
VCC
L
H
W
VIN
VOUT
CAT5110/CAT5125
CAT5118/CAT5123


Similar Part No. - CAT5119SDI-50-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5119SDI-50-GT10 CATALYST-CAT5119SDI-50-GT10 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5119SDI-50-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120_07 Datasheet
689Kb / 13P
   16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com