Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9665BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9665BS
Description  Fm parallel bus to I2C-bus controller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9665BS Datasheet HTML 5Page - NXP Semiconductors PCA9665BS Datasheet HTML 6Page - NXP Semiconductors PCA9665BS Datasheet HTML 7Page - NXP Semiconductors PCA9665BS Datasheet HTML 8Page - NXP Semiconductors PCA9665BS Datasheet HTML 9Page - NXP Semiconductors PCA9665BS Datasheet HTML 10Page - NXP Semiconductors PCA9665BS Datasheet HTML 11Page - NXP Semiconductors PCA9665BS Datasheet HTML 12Page - NXP Semiconductors PCA9665BS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
9 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
In Byte mode, the CPU can read or write a single byte at a time. In Buffered mode, the
CPU can read or write up to 68 bytes at a time. See Section 8.1 “Configuration modes” for
more detail.
Remark: The I2CDAT register will capture the serial address as data when addressed via
the serial bus.
Remark: In Byte mode only, the data register will capture data from the serial bus during
38h (arbitration lost in slave address + R/W or data bytes causing this data in I2CDAT to
be changed), so the I2CDAT register will need to be reloaded when the bus becomes free.
In Buffered mode, the data is not written in the data register when arbitration is lost, which
keeps the buffer intact.
7.3.1.4
The Control register, I2CCON (A1 = 1, A0 = 1)
I2CCON is an 8-bit read/write register. Two bits are affected by the bus controller
hardware: the SI bit is set when a serial interrupt is requested, and the STO bit is cleared
when a STOP condition is present on the I2C-bus. A Write to the I2CCON register via the
parallel interface automatically clears the SI bit, which causes the Serial Interrupt line to
be de-asserted and the next clock pulse on the SCL line to be generated.
Remark: Since none of the registers should be written to via the parallel interface once
the Serial Interrupt line has been de-asserted, all the other registers that need to be
modified should be written to before the content of the I2CCON register is modified.
Table 9.
I2CDAT - Data register (A1 = 0, A0 = 1) bit allocation
7
6
5
4
3
2
1
0
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Table 10.
I2CDAT - Data register (A1 = 0, A0 = 1) bit description
Bit
Symbol
Description
7:0
SD[7:0]
Eight bits to be transmitted or just received. A logic 1 in I2CDAT corresponds to
a HIGH level on the I2C-bus. A logic 0 corresponds to a LOW level on the bus.
Table 11.
I2CCON - Control register (A1 = 1, A0 = 1) bit allocation
7
6
5
4
3
2
1
0
AA
ENSIO
STA
STO
SI
-
-
MODE


Similar Part No. - PCA9665BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9665BS NXP-PCA9665BS Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9665BS NXP-PCA9665BS Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
More results

Similar Description - PCA9665BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
   Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 PHILIPS-PCA9564 Datasheet
222Kb / 31P
   Parallel bus to I2C-bus controller
2003 Apr 02
PCA9629A NXP-PCA9629A Datasheet
1Mb / 59P
   Fm I2C-bus advanced stepper motor controller
Rev. 2-21 March 2014
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com