Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF740ASPBF Datasheet(PDF) 1 Page - International Rectifier

Part No. IRF740ASPBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRF740ASPBF Datasheet(HTML) 1 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
7/20/04
IRF740AS/LPbF
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified (
See AN 1001)
VDSS
Rds(on) max
ID
400V
0.55
10A
Typical SMPS Topologies:
l Single transistor Flyback Xfmr. Reset
l Single Transistor Forward Xfmr. Reset
( Both for US Line Input only )
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
†
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
†
6.3
A
IDM
Pulsed Drain Current
†
40
PD @TA = 25°C
Power Dissipation
3.1
W
PD @TC = 25°C
Power Dissipation
125
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.9
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 95532
Notes  through … are on page 10
2
D Pak
TO-262


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRFB23N20DPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7451PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFPS30N60KPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF730ASSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3703PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7456PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFPS35N50LPBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF3709PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7469PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7478PBFSMPS MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn