Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72F3661 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72F3661
Description  CMOS IC Electronic tuning radio for car audio ETR Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72F3661 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72F3661 Datasheet HTML 1Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 2Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 3Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 4Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 5Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 6Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 7Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 8Page - Sanyo Semicon Device LC72F3661 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
92006HKIM No.0461-1/15
LC72F3661
Overview
The LC72F3661 is a ETR controller with an on-chip one-time PROM for use with the LC723661, 3662, and 3663 mask
versions. Since it has the equivalent electrical performance, pin layout and package as these mask versions, it is ideally
suited for checking program operations, starting the initial shipment of finished products and reducing the switchover
time frame when specifications are changed.
The PROM size is 64Kbytes (32K
× 16 bits).
Functions
• ROM
: Up to 32K steps (32767
×16-bits)
The subroutine area holds 4K steps (4,096
×16-bits)
• RAM
: Up to 8K
×4-bits (In banks 00 through 7F)
• Stack
: 32 levels
• Serial I/O
: Two channels. These circuits can support both 2-wire and 3-wire 8-bit communication
techniques, and can be switched between MSB first and LSB first operation.
One of six internally generated serial transfer clock rates can be selected: 12.5kHz,
37.5kHz, 187.5kHz, 281.25kHz, 375kHz, and 450kHz
• External interrupts
: Five interrupt inputs (pins INT0, 1, 4, and 5, and the HOLD pin)
These interrupts can be set to switch between rising and falling edges, although the HOLD
pin only supports falling edge detection.
• Internal interrupts
: Six interrupts ; four internal timer interrupts, and two serial I/O interrupts.
Ordering number : EN*A0461A
CMOS IC
Electronic tuning radio for car audio
ETR Controller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC72F3661

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
More results

Similar Description - LC72F3661

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com