Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32X35 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS32X35 Datasheet HTML 1Page - Maxim Integrated Products DS32X35 Datasheet HTML 2Page - Maxim Integrated Products DS32X35 Datasheet HTML 3Page - Maxim Integrated Products DS32X35 Datasheet HTML 4Page - Maxim Integrated Products DS32X35 Datasheet HTML 5Page - Maxim Integrated Products DS32X35 Datasheet HTML 6Page - Maxim Integrated Products DS32X35 Datasheet HTML 7Page - Maxim Integrated Products DS32X35 Datasheet HTML 8Page - Maxim Integrated Products DS32X35 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The DS32x35 accurate real-time clock (RTC) is a tem-
perature-compensated clock/calendar that includes an
integrated 32.768kHz crystal and a bank of nonvolatile
memory in a single package. The nonvolatile memory is
available in two densities: 2048 x 8 and 8192 x 8 bits.
The integration of the crystal resonator enhances the
long-term accuracy of the device as well as reduces
the piece part count in a manufacturing line. The device
operates as a slave device on an I2C serial interface,
and is available in both commercial and industrial tem-
perature ranges in a 300-mil, 20-pin SO package.
The DS32x35 includes a bank of nonvolatile memory
that does not require a backup energy source to main-
tain memory contents. In addition, there are no read or
write cycle limitations. The memory array can be
accessed at maximum cycle rates for the life of the
product with no wear-out mechanisms.
Other device features include two time-of-day alarms, a
selectable output that provides either an interrupt or pro-
grammable square wave, and a calibrated 32.768kHz
square-wave output. A reset input/output pin provides a
power-on reset. Additionally, the reset pin is monitored
as a pushbutton input for generating a reset externally.
A precision temperature-compensated reference and
comparator circuit monitors the status of VCC and auto-
matically switches to the backup supply when neces-
sary. The backup supply maintains operation of the
TCXO, clock, alarms, and RTC I2C operation.
Applications
Servers
Utility Power Meters
Telematics
GPS
Features
o Integrated 32.768kHz Crystal
o Fast (400kHz) I2C Interface
o RTC Counts Seconds, Minutes, Hours, Day, Date,
Month, and Year with Leap Year Compensation
Valid Up to 2100
o RTC Accuracy ±2ppm from 0°C to +40°C
o RTC Accuracy ±3.5ppm from -40°C to 0°C and
+40°C to +85°C
o Nonvolatile Memory with 10 Years of Guaranteed
Backup Time and Write Protection
o Two Available Densities of Nonvolatile Memory
2048 Bytes (DS32B35)
8192 Bytes (DS32C35)
o No Cycle Limitations on Memory
o Power-Switching Circuit Selects Between Main
Power and Battery Backup for the RTC
o Programmable Square Wave with Frequency of
32.768kHz, 8.192kHz, 4.096kHz, or 1Hz
o Two Time-of-Day Alarms
o Reset Output/Pushbutton Reset (Debounced)
Input
o Programmable Output Provides Interrupt or
Square Wave
o Calibrated 32.768kHz Open-Drain Output
o Temp Sensor with ±3°C Accuracy
o 3.3V Operating Voltage
o Commercial and Industrial Temperature Ranges
o 300-mil, 20-Pin SO Package
o Underwriters Laboratories (UL) Recognized
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
______________________________________________
Maxim Integrated Products
1
Rev 0; 12/06
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration and Ordering Information appear at end
of data sheet.
DS32x35
VCC
SCL
RPU
RPU = tR/CB
RPU
INT/SQW
32kHz
VBAT
PUSHBUTTON
RESET
SDA
RST
N.C.
N.C.
N.C.
N.C.
N.C.
VCC
VCC
GND
VCC
CPU
N.C.
GND
N.C.
N.C.
N.C.
SCL
WP
Typical Operating Circuit


Similar Part No. - DS32X35

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DS32 EATON-DS32 Datasheet
55Kb / 2P
   Eaton Crouse-Hinds series DS snap or toggle switch cover, Sheet steel, Surface mount, Single-gang, For square handle general use snap or toggle switches - unguarded
logo
Maxim Integrated Produc...
DS3205 MAXIM-DS3205 Datasheet
287Kb / 20P
   Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Rev: 111607
DS3205DN++ MAXIM-DS3205DN+ Datasheet
287Kb / 20P
   Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Rev: 111607
logo
Texas Instruments
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGR TI-DS320PR1601ZDGR Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
More results

Similar Description - DS32X35

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com