Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32X35 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS32X35 Datasheet HTML 3Page - Maxim Integrated Products DS32X35 Datasheet HTML 4Page - Maxim Integrated Products DS32X35 Datasheet HTML 5Page - Maxim Integrated Products DS32X35 Datasheet HTML 6Page - Maxim Integrated Products DS32X35 Datasheet HTML 7Page - Maxim Integrated Products DS32X35 Datasheet HTML 8Page - Maxim Integrated Products DS32X35 Datasheet HTML 9Page - Maxim Integrated Products DS32X35 Datasheet HTML 10Page - Maxim Integrated Products DS32X35 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
_____________________________________________________________________
7
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
80.0
60.0
40.0
20.0
0.0
-20.0
0.700
0.800
0.900
1.000
0.600
-40.0
VBAT = 3.0V
VCC = 0V
BSY = 0,
SDA = SCL = VBAT OR VCC
FREQUENCY DEVIATION vs.
TEMPERATURE vs. AGING VALUE
CRYSTAL AGING REGISTER VALUE
96
64
0
32
-64
-32
-96
-40
-30
-20
-10
0
10
20
30
40
50
60
-128
128
+85°C
-40°C
+70°C
0°C
+40°C
-40°C
+85°C
+25°C
+40°C
+25°C
+70°C
0°C
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
5.0
4.0
3.0
50
100
150
0
2.0
RST ACTIVE
BSY = 0,
SDA = SCL = VCC
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VBAT (V)
5.0
4.0
3.0
0.800
0.900
1.000
1.100
1.200
0.700
2.0
VCC = 0V
BSY = 0,
SDA = SCL = VBAT OR VCC
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS32X35

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DS32 EATON-DS32 Datasheet
55Kb / 2P
   Eaton Crouse-Hinds series DS snap or toggle switch cover, Sheet steel, Surface mount, Single-gang, For square handle general use snap or toggle switches - unguarded
logo
Maxim Integrated Produc...
DS3205 MAXIM-DS3205 Datasheet
287Kb / 20P
   Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Rev: 111607
DS3205DN++ MAXIM-DS3205DN+ Datasheet
287Kb / 20P
   Hot-Swappable Bus Buffer for I2C, SMBus, IPMI, and ATCA
Rev: 111607
logo
Texas Instruments
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGR TI-DS320PR1601ZDGR Datasheet
2Mb / 44P
[Old version datasheet]   DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
More results

Similar Description - DS32X35

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com