Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAR250BK7 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 2Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 3Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 4Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 5Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 6Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 7Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 8Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 9Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 6 of 24
Electrical Specifications
Absolute Maximum Ratings
Radiation Tolerance
Figure 4. shows the increase in dark current under total dose
irradiation. This curve is measured when the radiation is at
high dose rate. Annealing results in a significant dark current
decrease.
Table 3. Absolute Maximum Ratings STAR250
Characteristics
Limits
Units
Remarks
Min
Max
Any Supply Voltage
-0.5
+7
V
Voltage on any Input Terminal
-0.5
Vdd + 0.5
V
Operating Temperature
0
+60
°C
Storage Temperature
-10
+60
°C
Sensor soldering Temperature
NA
125
°C
Hand soldering only. The
sensor’s temperature
during soldering should not
exceed this limit.
Table 4. Absolute Maximum Ratings STAR250BK7
Characteristics
Limits
Units
Remarks
Min
Max
Any Supply Voltage
-0.5
+7
V
Voltage on any Input Terminal
-0.5
Vdd + 0.5
V
Operating Temperature
-40
+85
°C
Storage Temperature
-40
+85
°C
-40
+120
°C
Maximum 1 hour
Sensor soldering Temperature
NA
125
°C
Hand soldering only. The
sensor’s temperature
during soldering should not
exceed this limit.
Table 5. Radiation Tolerance
Parameter
Criterion
Qualification level
Gamma Total Dose Radiation
tolerance
Increase in average dark current
< 1 nA/cm2 after 3 MRad
See graph
Image operation with dark signal
< 1V/s
10 Mrad demonstrated (Co60)
Single (test) pixel operation with
dark signal < 1V/s
24 Mrad demonstrated (Co60)
Proton Radiation Tolerance
1% of pixels has an increase in
dark current > 1 nA/cm2 after
3*10^10 protons at 11.7 MeV
see graph
SEL Threshold
> 80 MeV cm3 mg-1
To be confirmed
[+] Feedback
[+] Feedback


Similar Part No. - STAR250BK7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
STAR TI1-STAR Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000-BK7 CYPRESS-STAR1000-BK7 Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
More results

Similar Description - STAR250BK7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA_09 Datasheet
797Kb / 21P
   CYIS1SM0250-AA STAR250 250K Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
STAR1000 CYPRESS-STAR1000_11 Datasheet
1,009Kb / 24P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM1000AA-HQC CYPRESS-CYIS1SM1000AA-HQC Datasheet
634Kb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
NOIS1SM1000S-HHC ONSEMI-NOIS1SM1000S-HHC Datasheet
690Kb / 37P
   STAR1000 1M Pixel Radiation Hard CMOS
February, 2014 ??Rev. 13
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A Datasheet
474Kb / 25P
   Radiation Tolerant CMOS Image Sensor
January, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com