Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11921T Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB11921T
Description  Monolithic Digital IC Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11921T Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB11921T Datasheet HTML 1Page - Sanyo Semicon Device LB11921T Datasheet HTML 2Page - Sanyo Semicon Device LB11921T Datasheet HTML 3Page - Sanyo Semicon Device LB11921T Datasheet HTML 4Page - Sanyo Semicon Device LB11921T Datasheet HTML 5Page - Sanyo Semicon Device LB11921T Datasheet HTML 6Page - Sanyo Semicon Device LB11921T Datasheet HTML 7Page - Sanyo Semicon Device LB11921T Datasheet HTML 8Page - Sanyo Semicon Device LB11921T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LB11921T
No.A0604-5/18
Package Dimensions
unit : mm (typ)
3253B
Pin Assignment
Three-Phase Logic Truth Table (A high (H) input is the state where IN+ > IN–.)
F/R=L
F/R=H
Output
IN1
IN2
IN3
IN1
IN2
IN3
PWM
-
1
H
L
H
L
H
L
VH
UL
2
H
L
L
L
H
H
WH
UL
3
H
H
L
L
L
H
WH
VL
4
L
H
L
H
L
H
UH
VL
5
L
H
H
H
L
L
UH
WL
6
L
L
H
H
H
L
VH
WL
SANYO : TSSOP36(275mil)
(0.5)
9.75
0.15
1
18
36
19
0.18
(0.63)
LB11921T
36
35
34
33
31
30
29
28
27
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
10
11
12
26
25
32
24
23
22
21
20
19
Top view
0
ILB01797
-20
1.2
0.6
0.9
0.2
0.8
1.0
0.4
20
0
40
60
80
100
Pd max - Ta
Ambient Temperature, Ta -
°C
Mounted on a specified board:
114.3mm
×76.1mm×1.6mm, glass epoxy
Independent IC
0.224
0.504


Similar Part No. - LB11921T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11921T ONSEMI-LB11921T Datasheet
230Kb / 18P
   Three-Phase Brushless Motor Driver
May, 2013
LB11921T-MPB-E ONSEMI-LB11921T-MPB-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
LB11921T-TLM-E ONSEMI-LB11921T-TLM-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
More results

Similar Description - LB11921T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB1881M SANYO-LB1881M Datasheet
115Kb / 6P
   Three-Phase Brushless Motor Driver IC
LB1854M SANYO-LB1854M Datasheet
107Kb / 6P
   Three-Phase Brushless Motor Driver IC
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com