Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7767BRUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7767BRUZ
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767BRUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7767BRUZ Datasheet HTML 4Page - Analog Devices AD7767BRUZ Datasheet HTML 5Page - Analog Devices AD7767BRUZ Datasheet HTML 6Page - Analog Devices AD7767BRUZ Datasheet HTML 7Page - Analog Devices AD7767BRUZ Datasheet HTML 8Page - Analog Devices AD7767BRUZ Datasheet HTML 9Page - Analog Devices AD7767BRUZ Datasheet HTML 10Page - Analog Devices AD7767BRUZ Datasheet HTML 11Page - Analog Devices AD7767BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7767
Rev. 0 | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
AVDD to AGND
−0.3 V to +3 V
DVDD to DGND
−0.3 V to +3 V
AVDD to DVDD
−0.3 V to +0.3 V
VREF+ to REFGND
−0.3 V to +7 V
REFGND to AGND
−0.3 V to + 0.3 V
VDRIVE to DGND
−0.3 V to +6 V
VIN+, VIN– to AGND
−0.3 V to VREF +0.3 V
Digital Inputs to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Outputs to DGND
−0.3 V to VDRIVE + 0.3 V
AGND to DGND
−0.3 V to +0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
150.4°C/W
θJC Thermal Impedance
27.6°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
1 kV
1 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7767BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7767BRUZ AD-AD7767BRUZ Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-1 AD-AD7767BRUZ-1 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-1-RL7 AD-AD7767BRUZ-1-RL7 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-2 AD-AD7767BRUZ-2 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-2-RL7 AD-AD7767BRUZ-2-RL7 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
More results

Similar Description - AD7767BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
   24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com