Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBIS4-1300-M-2 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # IBIS4-1300-M-2
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-1300-M-2 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button IBIS4-1300-M-2 Datasheet HTML 7Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 8Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 9Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 10Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 11Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 12Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 13Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 14Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
IBIS4-1300
Document Number: 38-05707 Rev. *B
Page 11 of 37
Output amplifier
The output amplifier stage is user-programmable for gain and
offset level. Gain and offset are controlled by 4-bit wide words.
Gain settings are on an exponential scale. Offset is controlled
by a 4-bit wide DAC, which selects the offset voltage between
2 reference voltages (Vhigh_dac & Vlow_dac) on a linear
scale.
The offset setting is independent of the gain setting.
The gain setting is independent of amplifier bandwidth.
The amplifier is designed to match the specifications like the
output of the imager array. This signal has a data rate of 10
MHz and is located between 1.2 and 2.4 V. Table 3.
summarizes the specifications of the amplifier.
The range of the output stage input is between 1 and 4 V. A
lowest gain the sensor outputs a signal in between 1.2 and 2.2
V, which fits into the input range of the amplifier. The range of
the output signal is between 1 and 4.5 V, dependent on the
gain and offset settings of the amplifier. This range should fit
to the input range of the ADC, external or internal.
The
on-chip ADC range is between 2 and 4 V. A minimal gain
setting of "3" seems necessary for the internal ADC, and the
offset voltage should be set to the low-reference voltage of the
ADC.
GND_AB
54
Anti-blooming drain control voltage
• Default: connect to ground. The anti blooming is operational but
not maximal.
• Apply about 1 V DC for improved anti-blooming
Power & ground
VDD_RESETL
59
Power supply for left reset line drivers apply 5 V DC (default) or about
4…4.5 V for dual slope mode
VDD_RESETR
79
Power supply for right (default) reset line drivers 5 V DC
VDD_ARRAY
55
Power supply for the pixel array 5 V DC
VDD
11
34
53
77
Power supply of image sensor core & output amplifier 5 V DC
GND
10
33
52
78
Ground of image sensor core & output amplifier
Table 2. Pins of the image sensor core
Digital controls
Table 3. Summary of output amplifier specifications
Min.
Typ
Max
Gain
1.2 (gain setting 0)
2.7 (setting 4)
16 (setting 15)
Output signal range
1 V
4.5 V
Bandwidth
(40 pF load)
12 MHz
(gain setting 15)
22 MHz
(gain setting 0...8)
33 MHz
(gain setting 0)
Output slew rate
(40 pF load)
40 V/
µs
50 V/
µs80 V/µs
[+] Feedback
[+] Feedback


Similar Part No. - IBIS4-1300-M-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-1300-M-2 CYPRESS-IBIS4-1300-M-2 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
More results

Similar Description - IBIS4-1300-M-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
logo
Cypress Semiconductor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com