Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0404RB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYV15G0404RB
Description  Independent Clock Quad HOTLink II??Deserializing Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0404RB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYV15G0404RB Datasheet HTML 5Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 6Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 7Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 8Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 9Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 10Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 11Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 12Page - Cypress Semiconductor CYV15G0404RB Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CYV15G0404RB
Document #: 38-02102 Rev. *C
Page 9 of 27
LDTDEN
LVTTL Input,
internal pull up
Level Detect Transition Density Enable. When LDTDEN is HIGH, the Signal
Level Detector, Range Controller, and Transition Density Detector are all enabled
to determine if the RXPLL tracks TRGCLKx± or the selected input serial data
stream. If the Signal Level Detector, Range Controller, or Transition Density
Detector are out of their respective limits while LDTDEN is HIGH, the RXPLL locks
to TRGCLKx± until they become valid. The SDASEL[A..D][1:0] inputs configure
the trip level of the Signal Level Detector. The Transition Density Detector limit is
one transition in every 60 consecutive bits. When LDTDEN is LOW, only the
Range Controller determines if the RXPLL tracks TRGCLKx± or the selected input
serial data stream. Set LDTDEN = HIGH.
ULCA
ULCB
ULCC
ULCD
LVTTL Input,
internal pull up
Use Local Clock. When ULCx is LOW, the RXPLL locks to TRGCLKx± instead
of the received serial data stream. While ULCx is LOW, the LFIx for the associated
channel is LOW, indicating a link fault.
When ULCx is HIGH, the RXPLL performs Clock and Data Recovery functions on
the input data streams. This function is used in applications that need a stable
RXCLKx±. When valid data transitions are absent for a long time, or the high-gain
differential serial inputs (INx±) are left floating, the RXCLKx± outputs may briefly
be different from TRGCLKx±.
SPDSELA
SPDSELB
SPDSELC
SPDSELD
3-Level Select[2]
static control input
Serial Rate Select. The SPDSELx inputs specify the operating signaling-rate
range of each channel’s receive PLL.
LOW = 195–400 MBd
MID = 400–800 MBd
HIGH = 800–1500 MBd.
INSELA
INSELB
INSELC
INSELD
LVTTL Input,
asynchronous
Receive Input Selector. The INSELx input determines which external serial bit
stream passes to the receiver’s Clock and Data Recovery circuit. When INSELx
is HIGH, the Primary Differential Serial Data Input, INx1±, is the associated receive
channel. When INSELx is LOW, the Secondary Differential Serial Data Input,
INx2±, is the associated receive channel.
LFIA
LFIB
LFIC
LFID
LVTTL Output,
asynchronous
Link Fault Indication Output. LFIx is an output status indicator signal. LFIx is the
logical OR of six internal conditions. LFIx asserts LOW when any of the following
conditions is true:
• Received serial data rate is outside expected range
• Analog amplitude is below expected levels
• Transition density is lower than expected
• Receive is channel disabled
•ULCx is LOW
• TRGCLKx± is absent.
Device Configuration and Control Bus Signals
WREN
LVTTL input,
asynchronous,
internal pull up
Control Write Enable. The WREN input writes the values of the DATA[7:0] bus
into the latch specified by the address location on the ADDR[3:0] bus.[3]
ADDR[3:0]
LVTTL input
asynchronous,
internal pull up
Control Addressing Bus. The ADDR[3:0] bus is the input address bus that
configures the device. The WREN input writes the values of the DATA[7:0] bus
into the latch specified by the address location on the ADDR[3:0] bus.[3] Table 3,
“Device Configuration and Control Latch Descriptions,” on page 14 lists the config-
uration latches within the device, and the initialization value of the latches when
RESET is asserted. Table 4, “Device Control Latch Configuration Table,” on
page 16 shows how the latches are mapped in the device.
Notes
2. Use 3-Level Select inputs for static configuration. These are ternary inputs that use logic levels of LOW, MID, and HIGH. To implement the LOW level, connect
directly to VSS (ground). To implement the HIGH level, connect directly to VCC (power). To implement the MID level, do not connect the input (leave floating),
which allows it to self bias to the proper level.
3. See “Device Configuration and Control Interface” on page 13 for detailed information about the operation of the Configuration Interface.
Pin Definitions (continued)
CYV15G0404RB Quad HOTLink II Deserializing Reclocker
Name
IO Characteristics
Signal Description
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0404RB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0404RB CYPRESS-CYV15G0404RB Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
CYV15G0404RB-BGC CYPRESS-CYV15G0404RB-BGC Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
More results

Similar Description - CYV15G0404RB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com