Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM7383 Datasheet(PDF) 88 Page - PMC-Sierra, Inc

Part # PM7383
Description  FRAME ENGINE AND DATA LINK MANAGER 32A256
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7383 Datasheet(HTML) 88 Page - PMC-Sierra, Inc

Back Button PM7383 Datasheet HTML 84Page - PMC-Sierra, Inc PM7383 Datasheet HTML 85Page - PMC-Sierra, Inc PM7383 Datasheet HTML 86Page - PMC-Sierra, Inc PM7383 Datasheet HTML 87Page - PMC-Sierra, Inc PM7383 Datasheet HTML 88Page - PMC-Sierra, Inc PM7383 Datasheet HTML 89Page - PMC-Sierra, Inc PM7383 Datasheet HTML 90Page - PMC-Sierra, Inc PM7383 Datasheet HTML 91Page - PMC-Sierra, Inc PM7383 Datasheet HTML 92Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 231 page
background image
RELEASED
PM7383 FREEDM-32A256
DATASHEET
PMC-2010336
ISSUE 1
FRAME ENGINE AND DATA LINK MANAGER 32A256
PROPRIETARY AND CONFIDENTIAL
80
Register 0x010 : FREEDM-32A256 Master Link Activity Monitor
Bit
Type
Function
Default
Bit 15
R
TLGA[7]
X
Bit 14
R
TLGA[6]
X
Bit 13
R
TLGA[5]
X
Bit 12
R
TLGA[4]
X
Bit 11
R
TLGA[3]
X
Bit 10
R
TLGA[2]
X
Bit 9
R
TLGA[1]
X
Bit 8
R
TLGA[0]
X
Bit 7
R
RLGA[7]
X
Bit 6
R
RLGA[6]
X
Bit 5
R
RLGA[5]
X
Bit 4
R
RLGA[4]
X
Bit 3
R
RLGA[3]
X
Bit 2
R
RLGA[2]
X
Bit 1
R
RLGA[1]
X
Bit 0
R
RLGA[0]
X
This register provides activity monitoring on FREEDM-32A256 receive and
transmit link inputs. When a monitored input makes a low to high transition, the
corresponding register bit is set high. The bit will remain high until this register is
read, at which point, all the bits in this register are cleared. A lack of transitions is
indicated by the corresponding register bit reading low. This register should be
read periodically to detect for stuck at conditions.
RLGA[0]:
The receive link group #0 active bit (RLGA[0]) monitors for transitions on the
RD[3:0] and RCLK[3:0]/RMVCK[0]/RMV8DC inputs. RLGA[0] is set high
when either:
1. Each of RD[3:0] has been sampled low and sampled high by rising
edges of the corresponding RCLK[3:0] inputs, or


Similar Part No. - PM7383

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
   Frame Engine and Data Link Manager
PM7380-PI PMC-PM7380-PI Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7381 PMC-PM7381 Datasheet
1Mb / 2P
   32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
   Frame Engine and Data Link Manager
More results

Similar Description - PM7383

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
   Frame Engine and Data Link Manager
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
   FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
   Frame Engine and Data Link Manager
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
   FRAME ENGINE AND DATA LINK MANAGER
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
   Frame Engine and Data Link Manager
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
   Frame Engine and Data Link Manager
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
   FRAME ENGINE AND DATA LINK MANAGER
PM7384-1 PMC-PM7384-1 Datasheet
33Kb / 2P
   Frame Engine and Data Link Manager
PM7385-1 PMC-PM7385-1 Datasheet
37Kb / 2P
   Frame Engine and Data Link Manager
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com