Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM7383 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM7383
Description  FRAME ENGINE AND DATA LINK MANAGER 32A256
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7383 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM7383 Datasheet HTML 48Page - PMC-Sierra, Inc PM7383 Datasheet HTML 49Page - PMC-Sierra, Inc PM7383 Datasheet HTML 50Page - PMC-Sierra, Inc PM7383 Datasheet HTML 51Page - PMC-Sierra, Inc PM7383 Datasheet HTML 52Page - PMC-Sierra, Inc PM7383 Datasheet HTML 53Page - PMC-Sierra, Inc PM7383 Datasheet HTML 54Page - PMC-Sierra, Inc PM7383 Datasheet HTML 55Page - PMC-Sierra, Inc PM7383 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 231 page
background image
RELEASED
PM7383 FREEDM-32A256
DATASHEET
PMC-2010336
ISSUE 1
FRAME ENGINE AND DATA LINK MANAGER 32A256
PROPRIETARY AND CONFIDENTIAL
44
8
FUNCTIONAL DESCRIPTION
8.1 High Speed Multi-Vendor Integration Protocol (H-MVIP)
H-MVIP defines a synchronous, time division multiplexed (TDM) bus of Nx64
Kbps constant bit rate (CBR) data streams. Each 64 Kbps data stream (time-
slot) carries an 8-bit byte of HDLC traffic, as described in the following section,
and is characterised by 8 KHz framing. H-MVIP supports higher bandwidth
applications on existing telephony networks by fitting more time-slots into a 125
ms frame. The FREEDM-32A256 supports H-MVIP data rates of 2.048 Mbps and
8.192 Mbps with 32 or 128 time-slots per frame and associated clocking
frequencies of 4.096 and 16.384 MHz respectively. Figure 1 shows a diagram of
the H-MVIP protocol supported by the FREEDM-32A256 device.
Figure 1 – H-MVIP Protocol
Data Clock
(4, 16 MHz)
Fram e Pulse
(8 KHz)
Serial Data
B8
B1
B2
B8
TS 31/127
TS 0
TS 1
B1
TS 31/127
B2
B8
B7
125 us
Fram e Pulse Clock
(4 MHz)
B7
8.2 High-Level Data Link Control (HDLC) Protocol
Figure 2 shows a diagram of the synchronous HDLC protocol supported by the
FREEDM-32A256 device. The incoming stream is examined for flag bytes
(01111110 bit pattern) which delineate the opening and closing of the HDLC
packet. The packet is bit de-stuffed which discards a "0" bit which directly follows
five contiguous "1" bits. The resulting HDLC packet size must be a multiple of an
octet (8 bits) and within the expected minimum and maximum packet length
limits. The minimum packet length is that of a packet containing two information
bytes (address and control) and FCS bytes. For packets with CRC-CCITT as


Similar Part No. - PM7383

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
   Frame Engine and Data Link Manager
PM7380-PI PMC-PM7380-PI Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7381 PMC-PM7381 Datasheet
1Mb / 2P
   32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
   Frame Engine and Data Link Manager
More results

Similar Description - PM7383

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
   Frame Engine and Data Link Manager
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
   FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
   Frame Engine and Data Link Manager
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
   FRAME ENGINE AND DATA LINK MANAGER
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
   Frame Engine and Data Link Manager
PM7384 PMC-PM7384 Datasheet
44Kb / 4P
   Frame Engine and Data Link Manager
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
   FRAME ENGINE AND DATA LINK MANAGER
PM7384-1 PMC-PM7384-1 Datasheet
33Kb / 2P
   Frame Engine and Data Link Manager
PM7385-1 PMC-PM7385-1 Datasheet
37Kb / 2P
   Frame Engine and Data Link Manager
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
   FRAME ENGINE AND DATA LINK MANAGER 32P672
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com