Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0403DXB-BGXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYV15G0403DXB-BGXI
Description  Independent Clock Quad HOTLink II??Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0403DXB-BGXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYV15G0403DXB-BGXI Datasheet HTML 1Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 2Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 3Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 4Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 5Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 6Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 7Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 8Page - Cypress Semiconductor CYV15G0403DXB-BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
CYP15G0403DXB
CYV15G0403DXB
CYW15G0403DXB
Document #: 38-02065 Rev. *F
Page 5 of 45
INA1+
INA1–
INA2+
INA2–
INSELA
INB1+
INB1–
INB2+
INB2–
INSELB
INC1+
INC1–
INC2+
INC2–
INSELC
IND1+
IND1–
IND2+
IND2–
INSELD
Clock &
Data
Recovery
PLL
Clock &
Data
Recovery
PLL
Clock &
Data
Recovery
PLL
Clock &
Data
Recovery
PLL
LFID
LFIC
LFIB
LFIA
8
RXSTC[2:0]
RXDC[7:0]
3
8
RXSTB[2:0]
RXDB[7:0]
3
8
RXSTD[2:0]
RXDD[7:0]
3
8
RXSTA[2:0]
RXDA[7:0]
3
Receive
Signal
Monitor
Receive
Signal
Monitor
Receive
Signal
Monitor
Receive
Signal
Monitor
RXCLKD+
RXCLKD–
÷2
RXCLKC+
RXCLKC–
÷2
RXCLKB+
RXCLKB–
÷2
RXCLKA+
RXCLKA–
÷2
RXRATE[A..D]
FRAMCHAR[A..D]
RFEN[A..D]
SDASELA[1:0]
JTAG
Boundary
Scan
Controller
TDO
TMS
TCLK
TDI
Clock
Select
Clock
Select
Clock
Select
Clock
Select
RXCKSEL[A..D]
RESET
Receive Path Block Diagram
=
Internal Signal
RXPLLPDA
RFMODE[A..D][1:0]
LPENA
RXBIST[A..D]
DECMODE[A..D]
LPENB
LPENC
LPEND
TRST
SDASELB[1:0]
RXPLLPDB
SDASELC[1:0]
RXPLLPDC
SDASELD[1:0]
RXPLLPDD
DECBYP[A..D]
SPDSELA
SPDSELB
SPDSELC
SPDSELD
ULCB
ULCA
ULCC
ULCD
LDTDEN
TXLBD
TXLBC
TXLBB
TXLBA
TXLB[A..D] are Internal Serial Loopback Signals
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0403DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0403DXB-BGXI CYPRESS-CYV15G0403DXB-BGXI Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
More results

Similar Description - CYV15G0403DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com