Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0101EQ-SXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYV15G0101EQ-SXC
Description  Multi-Rate Video Cable Equalizer (SOIC)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0101EQ-SXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYV15G0101EQ-SXC Datasheet HTML 1Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 2Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0101EQ-SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYV15G0101EQ
Document #: 001-04184 Rev. *D
Page 3 of 10
Equalizer Operation
The CYV15G0101EQ is a high-speed adaptive cable
equalizer designed to equalize standard definition (SD) and
high definition (HD) serial digital interface (SDI) video data
streams. CYV15G0101EQ equalizer is optimized to equalize
up to 350m of Belden 1694A cable at 270 Mbps and up to
140m
of
Belden
1694A
cable
at
1.485
Gbps.
The
CYV15G0101EQ equalizer contains one power supply and
typically consumes 160 mW power at 3.3V. The multi-rate
equalizer is designed to meet the SMPTE 259M, SMPTE
292M, SMPTE 344M and DVB-ASI video standards. The
equalizer meets all pathological requirements for SMPTE
292M as defined by RP198 and for SMPTE 259M as defined
by RP178. The CYV15G0101EQ multi-rate Cable Equalizer is
auto-adaptive from 143 Mbps to 1.485 Gbps.
The CYV15G0101EQ equalizer has variable gain and multiple
equalization stages that reverse the effects of the cable. This
equalization is achieved by separate regulation of the lower
and higher frequency components in the signal to give a clean
eye. The CYV15G0101EQ has DC restoration for compen-
sating the DC content of the SMPTE pathological patterns.
Pin Descriptions
CYV15G0101EQ Single Channel Cable Equalizer
Name
I/O Characteristics Signal Description
Control Signals
CLI
Analog Output
Cable Length Indicator: CLI provides an analog voltage proportional to the cable
length being equalized. CLI works at both SD-SDI and HD-SDI data rates.
CD/MUTE
LVTTL I/O
Carrier Detect/Mute Indicator:
Output:
When the incoming data stream is present, the CD/MUTE outputs a voltage less than
0.8V.
When the incoming data stream is not present, the CD/MUTE outputs a voltage
greater than 2.9V.
Input:
When the CD/MUTE pin is tied to ground, the equalizer’s differential serial outputs
are not muted and the MCLADJ setting is overwritten.
When the CD/MUTE pin is tied to VCC, the equalizer’s differential serial outputs are
muted and the MCLADJ setting is overwritten.
MCLADJ
Analog Input
Maximum Cable Length Adjust: The maximum cable length to be equalized is set
by the voltage applied to the MCLADJ input. When the maximum cable length set by
MCLADJ is reached, the differential output is muted. MCLADJ works at both SD and
HD data rates.
BYPASS
LVTTL Input
Equalizer Bypass: When BYPASS is tied to VCC, the signal presented at the
equalizer’s differential serial inputs (SDI, SDI) is routed to the equalizer’s differential
serial outputs (SDO, SDO) without performing equalization.
When BYPASS is tied to GND, the incoming video data stream is equalized and
presented at the equalizer‘s serial differential outputs (SDO, SDO).
In equalizer bypass mode, CD/MUTE is not functional.
AGC±
Analog
Automatic Gain Control: A capacitor of 1
µF should be placed between the AGC±
pins.
SDO, SDO
Differential
Output
Differential Serial Outputs: The equalized serial video data stream is presented at
the SDO/SDO differential serial CML output.
SDI, SDI
Differential
Input
Differential Serial Inputs: SDI/SDI can accept either a single ended or differential
serial video data stream over 75
Ω coaxial cable.
Power
VCC
Power
+3.3V Power.
GND
Gnd
Connect to Ground.
[+] Feedback
[+] Feedback


Similar Part No. - CYV15G0101EQ-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0101EQ-SXC CYPRESS-CYV15G0101EQ-SXC Datasheet
250Kb / 10P
   Multi Rate Video Cable Equalizer
More results

Similar Description - CYV15G0101EQ-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0101EQ CYPRESS-CYV15G0101EQ_07 Datasheet
250Kb / 10P
   Multi Rate Video Cable Equalizer
CYV15G0102EQ CYPRESS-CYV15G0102EQ Datasheet
88Kb / 10P
   Multi-Rate Video Cable Equalizer
CYV15G0104EQ CYPRESS-CYV15G0104EQ Datasheet
250Kb / 9P
   Multi Rate Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Cypress Semiconductor
CYV15G0103EQ CYPRESS-CYV15G0103EQ Datasheet
249Kb / 9P
   Prosumer Video Cable Equalizer
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Cypress Semiconductor
CYV15G0100EQ CYPRESS-CYV15G0100EQ Datasheet
247Kb / 10P
   Prosumer Video Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com