Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LAD2E561MELA Datasheet(PDF) 1 Page - Nichicon corporation

Part No. LAD2E561MELA
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHICON [Nichicon corporation]
Homepage  http://www.nichicon-us.com
Logo 

LAD2E561MELA Datasheet(HTML) 1 Page - Nichicon corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
Item
Performance Characteristics
10±
0.1
2-B2.0
(PC board hole dimensions)
(Terminal dimensions)
1.5+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
10
2
4.0±0.5
Pressure relief vent
0.8
+0.2
-0.1
The other terminal is also available upon request.
Please refer page 237 for schematic of dimensions.
±0.1
Sleeve (P.E.T.)
L
1
A
2
D
3
2
4
E
5
5
6
6
7
1
8
M
9
E
10
L
11
A
12
Configuration
Case dia. code
Capacitance tolerance (±20%)
Rated Capacitance (560µF)
Rated voltage (250V)
Series name
Type
BD
22
25
30
35
Code
Z
20
Y
A
B
C
ALUMINUM ELECTROLYTIC CAPACITORS
AD
series
Withstanding 3000 hours application of rated ripple current at 105°C.
Suited for 100V/200V switch-over use in switching power supplies.
Withstanding overvoltage and suited for IEC-60950 application.
Adapted to the RoHS directive (2002/95/EC).
a
Drawing
Type numbering system (Example : 250V 560µF)
Snap-in Terminal Type, Withstanding Overvoltage series
Dimensions
V(Code)
φD
250V (2E)
20
22
25
30
35
0082
0100
0120
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
20
× 20
20
× 25
20
× 25
20
× 30
20
× 35
20
× 40
20
× 45
20
× 50
0.42
0.53
0.65
0.79
0.90
1.00
1.15
1.30
22
× 20
22
× 25
22
× 25
22
× 25
22
× 30
22
× 35
22
× 40
22
× 45
0.53
0.65
0.79
0.90
1.00
1.15
1.30
1.49
25
× 20
25
× 25
25
× 25
25
× 25
25
× 30
25
× 35
25
× 40
25
× 45
25
× 50
0.65
0.79
0.90
1.00
1.15
1.30
1.49
1.65
1.80
30
× 20
30
× 25
30
× 25
30
× 25
30
× 30
30
× 35
30
× 40
30
× 45
30
× 50
0.90
1.00
1.15
1.30
1.49
1.65
1.80
2.00
2.30
35
× 20
35
× 25
35
× 25
35
× 25
35
× 30
35
× 35
35
× 40
35
× 45
35
× 50
1.15
1.30
1.49
1.65
1.80
2.00
2.30
2.47
2.60
Case size
φ D × L (mm)
Rated Ripple (Arms) at 105°C 120Hz
Cap.(µF)
Code
Frequency (Hz)
Coefficient
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
Rated
ripple
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Withstand excess voltage
Marking
Not defective after 7 hours continuous charges of 360VDC at 70°C atmosphere.
Printed with white color letter on black sleeve.
– 40 ~ +105°C
250V
82 ~ 1200µF
± 20% at 120Hz, 20°C
0.15MAX. 120Hz,20°C
Measurement frequency:120Hz
After storing the capacitors under no load at 105°C for 1000 hours,
and after performing voltage treatment based on JIS C 5101-4 clause
4.1 at 20°C, they will meet the requirements listed at right.
Within ±20% of intial value
200% or less of intial spesified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
After an application of DC voltage (in the range of rated DC voltage
even after over-lapping the specified ripple current)for 3000 hours
at 105°C, capacitors meet the characteristic requirements listed at
right.
Z – 25°C/Z+20°C
Z – 40°C/Z+20°C
Specifications
Within ±15% of intial value
150% or less of intial spesified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current
Rated voltage(V)
Impedance ratio ZT/Z20 (MAX.)
250
3
12
AD
3 CV
GU
Withstandard
overvoltage
Frequency coefficient of rated ripple current
Minimum order quantity : 50pcs.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn