Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYS25G0101DX Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYS25G0101DX
Description  SONET OC-48 Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYS25G0101DX Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYS25G0101DX_07 Datasheet HTML 6Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 7Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 8Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 9Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 10Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 11Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 12Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 13Page - Cypress Semiconductor CYS25G0101DX_07 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CYS25G0101DX
Document Number: 38-02009 Rev. *K
Page 10 of 17
AC Waveforms
AC Test Loads
Table 5. DC Specifications—HSTL
Parameter
Description
Test Conditions
Min
Max
Unit
HSTL Outputs
VOHH
Output HIGH Voltage
VCC = min, IOH= –4.0 mA
VDDQ – 0.4
V
VOLH
Output LOW Voltage
VCC = min, IOL= 4.0 mA
0.4
V
IOSH
Output Short Circuit Current
VOUT = 0V
100
mA
HSTL Inputs
VIHH
Input HIGH Voltage
VREF + 0.13 VDDQ + 0.3
V
VILH
Input LOW Voltage
–0.3
VREF – 0.1
V
IIHH
Input HIGH Current
VDDQ = max, VIN = VDDQ
50
µA
IILH
Input LOW Current
VDDQ = max, VIN = 0V
–40
µA
Capacitance
CINH
Input Capacitance
VDDQ = max, at f = 1 MHz
5
pF
2.0V
0.8V
3.0V
GND
2.0V
0.8V
< 1 ns
< 1 ns
80%
20%
80%
20%
VICHH
3.0V
VICLL
Vth = 1.4V
Vth = 1.4V
< 150 ps
< 150 ps
80%
20%
80%
20%
VIEHH
VIELL
< 1.0 ns
< 1.0 ns
(a) LVTTL Input Test Waveform
(b) CML Input Test Waveform
(d) LVPECL Input Test Waveform
< 1 ns
< 1 ns
(c) HSTL Input Test Waveform
Vth = 0.75V
Vth = 0.75V
VIHH
VIHL
80%
20%
80%
20%
3.3V
OUTPUT
(a) TTL AC Test Load
(b)
CML AC Test Load
R1
R2
CL
RL
R1 = 330
R2 = 510
(Includes fixture and
probe capacitance)
RL = 100Ω
CL ≤ 10 pF
1.5V
OUTPUT
(c) HSTL AC Test Load
R1
R2
CL
R1 = 100
R2 = 100
(Includes fixture and
probe capacitance)
CL ≤ 7 pF
OUT+
OUT–


Similar Part No. - CYS25G0101DX_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX-ATC CYPRESS-CYS25G0101DX-ATC Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX-ATI CYPRESS-CYS25G0101DX-ATI Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
More results

Similar Description - CYS25G0101DX_07

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
   2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
[Old version datasheet]   OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com