Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYK256K16SCCBU-70BVI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYK256K16SCCBU-70BVI
Description  4-Mbit (256K x 16) Pseudo Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYK256K16SCCBU-70BVI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYK256K16SCCBU-70BVI Datasheet HTML 1Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 2Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 3Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 4Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 5Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 6Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 7Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 8Page - Cypress Semiconductor CYK256K16SCCBU-70BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CYK256K16SCCB
Document #: 38-05526 Rev. *H
Page 5 of 10
tPWE
WE Pulse Width
40
40
45
ns
tBW
BLE/BHE LOW to Write End
50
50
55
ns
tSD
Data Set-up to Write End
25
25
25
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High Z[11, 12]
25
25
25
ns
tLZWE
WE HIGH to Low Z[11, 12]
55
5
ns
Switching Characteristics (Over the Operating Range)[10] (continued)
Parameter
Description
–55
–60
–70
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Switching Waveforms
Read Cycle 1 (Address Transition Controlled)[14, 15, 16]
Read Cycle 2 (OE Controlled)[14, 16]
Notes:
15. Device is continuously selected. OE, CE = VIL.
16. WE is HIGH for Read Cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
tSK
DATA VALID
t
RC
t
ACE
t
DOE
t
LZOE
t
LZCE
t
PU
HIGH IMPEDANCE
t
HZOE
HIGH
OE
CE1
ICC
IMPEDANCE
ADDRESS
CE2
VCC
t
HZBE
BHE
/BLE
t
LZBE
t
HZCE
DATA OUT
t
DBE
tSK
[+] Feedback
[+] Feedback


Similar Part No. - CYK256K16SCCBU-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK256K16MCBU-55BVXI CYPRESS-CYK256K16MCBU-55BVXI Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCBU-70BVXI CYPRESS-CYK256K16MCBU-70BVXI Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCBU-55BVI CYPRESS-CYK256K16MCCBU-55BVI Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16MCCBU-60BVI CYPRESS-CYK256K16MCCBU-60BVI Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
More results

Similar Description - CYK256K16SCCBU-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com