Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDC128B08-55AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYDC128B08-55AXI
Description  1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC128B08-55AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYDC128B08-55AXI Datasheet HTML 1Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 2Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 3Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 4Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 5Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 6Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 7Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 8Page - Cypress Semiconductor CYDC128B08-55AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CYDC256B16, CYDC128B16,
CYDC064B16, CYDC128B08,
CYDC064B08
Document #: 001-01638 Rev. *E
Page 4 of 26
Notes:
8. IRR functionality is not supported for the CYDC128B08 device.
9. This pin is A13L for CYDC128B08 devices.
10. This pin is A13R for CYDC128B08 devices.
Pin Configurations (continued)[7, 8, 9, 10]
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
A4R
A5R
A6R
A7R
A8R
CER
A10R
INTR
A9R
VCC
A11R
NC[11]
VDDIOR
BUSYR
SEMR
A12R
IRR1[10]
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
58
57
56
55
54
53
52
51
CYDC064B08
A4L
A5L
A6L
A7L
A8L
CEL
A10L
INTL
A9L
VCC
A11L
M/S
VDDIOL
BUSYL
SEML
A12L
IRR0[9]
I/O0L
I/O1L
I/O2L
VSS
I/O3L
I/O4L
I/O5L
VSS
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
CYDC128B08
100-pin TQFP (Top View)
[+] Feedback
[+] Feedback


Similar Part No. - CYDC128B08-55AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC128B08-55AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com