Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11692JH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11692JH
Description  Monolithic Digital IC 24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11692JH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11692JH Datasheet HTML 1Page - Sanyo Semicon Device LB11692JH Datasheet HTML 2Page - Sanyo Semicon Device LB11692JH Datasheet HTML 3Page - Sanyo Semicon Device LB11692JH Datasheet HTML 4Page - Sanyo Semicon Device LB11692JH Datasheet HTML 5Page - Sanyo Semicon Device LB11692JH Datasheet HTML 6Page - Sanyo Semicon Device LB11692JH Datasheet HTML 7Page - Sanyo Semicon Device LB11692JH Datasheet HTML 8Page - Sanyo Semicon Device LB11692JH Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D1306 MS IM 20060404-S00005 No.A0333-1/12
LB11692JH
Overview
The LB11692JH is a three-phase brushless motor driver IC that uses a direct PWM drive technique to achieve highly
efficient drive. It is optimal for driving fuel pump motors and other miniature motors.
Functions
• Direct PWM drive
• PWM control based on both a DC voltage input (the CTL voltage) and a pulse input
• Provides a 5V regulator output
• One Hall-effect sensor FG output
• Start/stop switching circuit (Stop mode includes a power saving function.)
• Built-in integrating amplifier
• Automatic recovery constraint protection circuit (on/off = 1/14), RD output
• Built-in current limiter circuit
• Built-in LVSD circuit
• Built-in thermal protection circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC max
30
V
Output current
IO max
T
≤ 500ms
1.8
A
Allowable power dissipation 1
Pd max1
Independent IC
0.9
W
Allowable power dissipation 2
Pd max2
Mounted on a specifed board*
2.1
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Ordering number : ENA0333A
Monolithic Digital IC
24V Fan Motor Driver IC
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - LB11692JH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690H SANYO-LB11690H Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
   Three-Phase Brushless Motor Driver for 24 V Fan Motors
More results

Similar Description - LB11692JH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com