Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11691H Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB11691H
Description  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691H Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB11691H Datasheet HTML 1Page - Sanyo Semicon Device LB11691H Datasheet HTML 2Page - Sanyo Semicon Device LB11691H Datasheet HTML 3Page - Sanyo Semicon Device LB11691H Datasheet HTML 4Page - Sanyo Semicon Device LB11691H Datasheet HTML 5Page - Sanyo Semicon Device LB11691H Datasheet HTML 6Page - Sanyo Semicon Device LB11691H Datasheet HTML 7Page - Sanyo Semicon Device LB11691H Datasheet HTML 8Page - Sanyo Semicon Device LB11691H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LB11691H
No.8314-4/21
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
FAIL pin
Output saturation voltage
VFLL
IO = 3mA
0.15
0.5
V
Output leak current
IFL leak
VFAIL = 42V
10
μA
RC pin
Output H-level voltage
VOH (RC)
3.22
3.5
3.78
V
Output L-level voltage
VOL (RC)
0.72
0.8
0.88
V
Clamp voltage
VCLP (RC)
1.5
V
FV pin
Charge current
ICHG1
VFV = 2.5V
-420
-300
-230
μA
Discharge current
ICHG2
VFV = 1V
1.3
2.5
5.0
mA
IN1, IN2, and IN3 pins
H-level input voltage
VIH (IN)
4.0
V5
V
L-level input voltage
VIL (IN)
0
2.5
V
Input open voltage
VIO (IN)
V5-0.5
V5
V
Hysteresis width
VIS (IN)
0.55
0.9
1.25
V
H-level input current
IIH (IN)
VIN = V5
-10
0
10
μA
L-level input current
IIL (IN)
VIN = 0V
-500
μA
F/R pin
H-level input voltage
VIH (FR)
2.0
V5
V
L-level input voltage
VIL (FR)
0
1.0
V
Input open voltage
VIO (FR)
2.6
2.9
3.2
V
Hysteresis width
VIS (FR)
0.16
0.25
0.34
V
H-level input current
IIH (FR)
VF/R = V5
100
130
μA
L-level input current
IIL (FR)
VF/R = 0V
-170
-130
μA
HSEL pin
H-level input voltage
VIH (HSL)
2.0
V5
V
L-level input voltage
VIL (HSL)
0
1.0
V
Input open voltage
VIO (HSL)
2.6
2.9
3.2
V
H-level input current
IIH (HSL)
VHSEL = V5
100
130
μA
L-level input current
IIL (HSL)
VHSEL = 0V
-170
-130
μA
Package Dimensions
unit : mm (typ)
3235A
SANYO : HSOP36(375mil)
(6.2)
36
1
0.8
17.8
2.7
0.3
0.25
(0.5)
2.0
Pd max -- Ta
Ambient temperature, Ta – °C
0
1.6
2.0
1.2
0.8
0.4
2.4
– 20
80
100
60
20
2.1W
0.84
0.36
0.9W
40
0120
Mounted on a board : 114.3
×76.1×1.6mm3
glass epoxy
Independent IC


Similar Part No. - LB11691H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

Similar Description - LB11691H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com