Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDC128B16-55AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYDC128B16-55AXC
Description  1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC128B16-55AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYDC128B16-55AXC Datasheet HTML 7Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 8Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 9Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 10Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 11Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 12Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 13Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 14Page - Cypress Semiconductor CYDC128B16-55AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CYDC256B16, CYDC128B16,
CYDC064B16, CYDC128B08,
CYDC064B08
Document #: 001-01638 Rev. *E
Page 11 of 26
Electrical Characteristics for VCC = 2.5V Over the Operating Range
Parameter
Description
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08,
CYDC064B08
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08,
CYDC064B08
Unit
-40
-55
P1 I/O
Voltage
P2 I/O
Voltage
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage (IOH = –2 mA)
2.5V (any port)
2.0
2.0
V
Output HIGH Voltage (IOH = –2 mA)
3.0V (any port)
2.1
2.1
V
VOL
Output LOW Voltage (IOL = 2 mA)
2.5V (any port)
0.4
0.4
V
Output LOW Voltage (IOL = 2 mA)
3.0V (any port)
0.4
0.4
V
VOL ODR
ODR Output LOW Voltage (IOL = 8 mA)
2.5V (any port)
0.2
0.2
V
3.0V (any port)
0.2
0.2
V
VIH
Input HIGH Voltage
2.5V (any port)
1.7
VDDIO
+ 0.3
1.7
VDDIO
+ 0.3
V
3.0V (any port)
2.0
VDDIO
+ 0.2
2.0
VDDIO
+ 0.2
V
VIL
Input LOW Voltage
2.5V (any port)
–0.3
0.6
–0.3
0.6
V
3.0V (any port)
–0.2
0.7
–0.2
0.7
V
IOZ
Output Leakage Current
2.5V
2.5V
–1
1
–1
1
µA
3.0V
3.0V
–1
1
–1
1
µA
ICEX ODR ODR Output Leakage Current.
VOUT =VCC
2.5V
2.5V
–1
1
–1
1
µA
3.0V
3.0V
–1
1
–1
1
µA
IIX
Input Leakage Current
2.5V
2.5V
–1
1
–1
1
µA
3.0V
3.0V
–1
1
–1
1
µA
ICC
Operating Current (VCC = Max.,
IOUT = 0 mA) Outputs Disabled
Ind.
2.5V
2.5V
39
55
28
40
mA
ISB1
Standby Current (Both Ports TTL
Level) CEL and CER ≥ VCC – 0.2,
SEM L= SEMR = VCC – 0.2, f=fMAX
Ind.
2.5V
2.5V
6
8
6
8
µA
ISB2
Standby Current (One Port TTL
Level) CEL | CER ≥ VIH, f = fMAX
Ind.
2.5V
2.5V
21
30
18
25
mA
ISB3
Standby Current (Both Ports
CMOS Level) CEL & CER
VCC − 0.2V, SEML and SEMR >
VCC – 0.2V, f = 0
Ind.
2.5V
2.5V
4
6
4
6
µA
ISB4
Standby Current (One Port CMOS
Level) CEL | CER ≥ VIH, f = fMAX[25]
Ind.
2.5V
2.5V
21
30
18
25
mA
[+] Feedback
[+] Feedback


Similar Part No. - CYDC128B16-55AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC128B16-55AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com