Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11691 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB11691
Description  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11691 Datasheet HTML 3Page - Sanyo Semicon Device LB11691 Datasheet HTML 4Page - Sanyo Semicon Device LB11691 Datasheet HTML 5Page - Sanyo Semicon Device LB11691 Datasheet HTML 6Page - Sanyo Semicon Device LB11691 Datasheet HTML 7Page - Sanyo Semicon Device LB11691 Datasheet HTML 8Page - Sanyo Semicon Device LB11691 Datasheet HTML 9Page - Sanyo Semicon Device LB11691 Datasheet HTML 10Page - Sanyo Semicon Device LB11691 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LB11691
No.A0879-7/21
Pin Description
Pin No.
Pin Name
Description
Equivalent Circuit
1
4
34
VL
UL
WL
Output pin
(Gate driving output pin of lower Nch power FET)
For duty control
2
5
35
VOUT
UOUT
WOUT
Voltage detection pin
(Source voltage detection pin of upper Nch power
FET)
3
6
36
VH
UH
WH
Output pin
(Gate driving output pin of lower Nch power FET)
7
8
9
IN1
IN2
IN3
Hall input pin
“H” in the open condition.
Connect a capacitor to GND for stabilization.
10
RES
Reset pin
11
HSEL
Pin to change over the phase difference of
three-phase Hall input
HSEL = “L” 120°
HSEL = “H” 60°
Continued on next page.
50k
Ω
V12
1
4 34
50k
Ω
VB
3
6 36
2
5 35
8k
Ω
2k
Ω
10k
Ω
V5
7
8
9
300
Ω
LVSD
V5
10
30k
Ω
40k
Ω
5k
Ω
V5
11


Similar Part No. - LB11691

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

Similar Description - LB11691

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com