Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD18S72V-100BBXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYD18S72V-100BBXC
Description  FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S72V-100BBXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYD18S72V-100BBXC Datasheet HTML 1Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 2Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 3Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 4Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 5Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 6Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 7Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 8Page - Cypress Semiconductor CYD18S72V-100BBXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Document #: 38-06069 Rev. *I
Page 5 of 25
CYD04S72V
CYD09S72V
CYD18S72V
Master Reset
The FLEx72 family devices undergo a complete reset by
taking the MRST input LOW. MRST input can switch
asynchronously to the clocks. MRST initializes the internal
burst counters to zero, and the counter mask registers to all
ones (completely unmasked). MRST also forces the mailbox
interrupt (INT) flags and the Counter Interrupt (CNTINT) flags
HIGH. MRST must be performed on the FLEx72 family
devices after power-up.
Mailbox Interrupts
The upper two memory locations may be used for message
passing and permit communications between ports. Table 2
shows the interrupt operation for both ports using 18 Mbit
device as an example. The highest memory location, 3FFFF
is the mailbox for the right port and 3FFFE is the mailbox for
the left port. Table 2.shows that in order to set the INTR flag, a
write operation by the left port to address 3FFFF will assert
INTR LOW. At least one byte has to be active for a write to
generate an interrupt. A valid Read of the 3FFFF location by
the right port will reset INTR HIGH. At least one byte has to be
active in order for a read to reset the interrupt. When one port
writes to the other port’s mailbox, the INT of the port that the
mailbox belongs to is asserted LOW.
The INT is reset when the owner (port) of the mailbox reads
the contents of the mailbox. The interrupt flag is set in
a flow-thru mode (i.e., it follows the clock edge of the writing
port). Also, the flag is reset in a flow-thru mode (i.e., it follows
the clock edge of the reading port)
Each port can read the other port’s mailbox without resetting
the interrupt. And each port can write to its own mailbox
without setting the interrupt. If an application does not require
message passing, INT pins should be left open.
TMS
JTAG Test Mode Select Input. It controls the advance of JTAG TAP state
machine. State machine transitions occur on the rising edge of TCK.
TDI
JTAG Test Data Input. Data on the TDI input will be shifted serially into selected
registers.
TCK
JTAG Test Clock Input.
TDO
JTAG Test Data Output. TDO transitions occur on the falling edge of TCK. TDO
is normally three-stated except when captured data is shifted out of the JTAG TAP.
VSS
Ground Inputs.
VCORE[11]
Core Power Supply.
VTTL
LVTTL Power Supply.
Pin Definitions (continued)
Left Port
Right Port
Description
Table 2. Interrupt Operation Example [1, 12, 13, 14]
Function
Left Port
Right Port
R/WL
CEL
A0L–17L
INTL
R/WR
CER
A0R–17R
INTR
Set Right INTR Flag
L
L
3FFFF
XXXX
L
Reset Right INTR Flag
XX
XX
H
L
3FFFF
H
Set Left INTL Flag
X
X
X
L
L
L
3FFFE
X
Reset Left INTL Flag
H
L
3FFFE
H
X
X
X
X
Notes:
11. This family of Dual-Ports does not use VCORE, and these pins are internally NC. The next generation Dual-Port family, the FLEx72-E™, will use VCORE of 1.5V
or 1.8V. Please contact local Cypress FAE for more information.
12. CE is internal signal. CE = LOW if CE0 = LOW and CE1 = HIGH. For a single Read operation, CE only needs to be asserted once at the rising edge of the CLK
and can be deasserted after that. Data will be out after the following CLK edge and will be three-stated after the next CLK edge.
13. OE is “Don’t Care” for mailbox operation.
14. At least one of BE0 or BE7 must be LOW.
[+] Feedback
[+] Feedback


Similar Part No. - CYD18S72V-100BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V-100BBC CYPRESS-CYD18S72V-100BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBC CYPRESS-CYD18S72V-100BBC Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBI CYPRESS-CYD18S72V-100BBI Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBI CYPRESS-CYD18S72V-100BBI Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD18S72V-100BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com