Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDC256B16 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYDC256B16
Description  1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC256B16 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYDC256B16 Datasheet HTML 3Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 4Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 5Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 6Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 7Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 8Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 9Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 10Page - Cypress Semiconductor CYDC256B16 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CYDC256B16, CYDC128B16,
CYDC064B16, CYDC128B08,
CYDC064B08
Document #: 001-01638 Rev. *E
Page 7 of 26
When reading a semaphore, all sixteen/eight data lines output
the semaphore value. The read value is latched in an output
register to prevent the semaphore from changing state during
a write from the other port. If both ports attempt to access the
semaphore within tSPS of each other, the semaphore will
definitely be obtained by one side or the other, but there is no
guarantee which side will control the semaphore. On
power-up, both ports should write “1” to all eight semaphores.
Architecture
The
CYDC256B16,
CYDC128B16,
CYDC064B16,
CYDC128B08, CYDC064B08 consist of an array of 4k, 8k, or
16k words of 16 dual-port RAM cells, I/O and address lines,
and control signals (CE, OE, R/W). The CYDC064B08 and
CYDC128B08 consist of an array of 8k and 16k words of 8
each of dual-port RAM cells, I/O and address lines, and control
signals (CE, OE, R/W).These control pins permit independent
access for reads or writes to any location in memory. To handle
simultaneous writes/reads to the same location, a BUSY pin is
provided on each port. Two Interrupt (INT) pins can be utilized
for port-to-port communication. Two Semaphore (SEM)
control pins are used for allocating shared resources. With the
M/S pin, the devices can function as a master (BUSY pins are
outputs) or as a slave (BUSY pins are inputs). The devices
also have an automatic power-down feature controlled by CE.
Each port is provided with its own output enable control (OE),
which allows data to be read from the device.
Notes:
11. This column applies to x16 devices only.
12. See Interrupts Functional Description for specific highest memory locations by device.
13. If BUSYR = L, then no change.
14. If BUSYL = L, then no change.
15. See Functional Description for specific addresses by device.
Table 1. Non-Contending Read/Write
Inputs
Outputs
Operation
CE
R/W
OE
UB
LB
SEM
I/O8–I/O15[11] I/O0–I/O7
H
X
X
X
X
H
High Z
High Z
Deselected: Power-down
X
X
X
H
H
H
High Z
High Z
Deselected: Power-down
L
L
X
L
H
H
Data In
High Z
Write to Upper Byte Only
L
L
X
H
L
H
High Z
Data In
Write to Lower Byte Only
L
L
X
L
L
H
Data In
Data In
Write to Both Bytes
L
H
L
L
H
H
Data Out
High Z
Read Upper Byte Only
L
H
L
H
L
H
High Z
Data Out
Read Lower Byte Only
L
H
L
L
L
H
Data Out
Data Out
Read Both Bytes
X
X
H
X
X
X
High Z
High Z
Outputs Disabled
H
H
L
X
X
L
Data Out
Data Out
Read Data in Semaphore Flag
X
H
L
H
H
L
Data Out
Data Out
Read Data in Semaphore Flag
H
X
X
X
L
Data In
Data In
Write DIN0 into Semaphore Flag
X
X
H
H
L
Data In
Data In
Write DIN0 into Semaphore Flag
LX
XLXL
Not Allowed
L
X
X
X
L
L
Not Allowed
Table 2. Interrupt Operation Example (Assumes BUSYL = BUSYR = HIGH)[12]
Function
Left Port
Right Port
R/WL CEL
OEL
A0L–13L
INTL R/WR CER
OER
A0R–13R
INTR
Set Right INTR Flag
L
L
X
3FFF[15]
X
XXX
X
L[14]
Reset Right INTR Flag
X
X
X
X
X
X
L
L
3FFF[15]
H[13]
Set Left INTL Flag
X
X
X
X
L[13]
LL
X
3FFE[15]
X
Reset Left INTL Flag
X
L
L
3FFE[15]
H[14]
XXX
X
X
[+] Feedback
[+] Feedback


Similar Part No. - CYDC256B16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC256B16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_08 Datasheet
548Kb / 24P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com