Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD18S72V Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYD18S72V
Description  FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S72V Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYD18S72V Datasheet HTML 6Page - Cypress Semiconductor CYD18S72V Datasheet HTML 7Page - Cypress Semiconductor CYD18S72V Datasheet HTML 8Page - Cypress Semiconductor CYD18S72V Datasheet HTML 9Page - Cypress Semiconductor CYD18S72V Datasheet HTML 10Page - Cypress Semiconductor CYD18S72V Datasheet HTML 11Page - Cypress Semiconductor CYD18S72V Datasheet HTML 12Page - Cypress Semiconductor CYD18S72V Datasheet HTML 13Page - Cypress Semiconductor CYD18S72V Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Document #: 38-06069 Rev. *I
Page 10 of 25
CYD04S72V
CYD09S72V
CYD18S72V
Table 4. Identification Register Definitions
Instruction Field
Value
Description
Revision Number(31:28)
0h
Reserved for version number
Cypress Device(27:12)
C002h
Defines Cypress DIE number for CYD18S72V and
CYD09S72V
C001h
Defines Cypress DIE number for CYD04S72V
Cypress JDEC ID(11:1)
034h
Allows unique identification of FLEx72 family device vendor
ID Register Presence (0)
1
Indicates the presence of an ID register
Table 5. Scan Registers Sizes
Register Name
Bit Size
Instruction
4
Bypass
1
Identification
32
Boundary Scan
n[21]
Table 6. Instruction Identification Codes
Instruction
Code
Description
EXTEST
0000
Captures the Input/Output ring contents. Places the BSR between the TDI and TDO
BYPASS
1111
Places the BYR between TDI and TDO
IDCODE
1011
Loads the IDR with the vendor ID code and places the register between TDI and TDO
HIGHZ
0111
Places BYR between TDI and TDO. Forces all FLEx72 output drivers to a High-Z state
CLAMP
0100
Controls boundary to 1/0. Places BYR between TDI and TDO
SAMPLE/PRELOAD 1000
Captures the input/output ring contents. Places BSR between TDI and TDO
NBSRST
1100
Resets the non-boundary scan logic. Places BYR between TDI and TDO
RESERVED
All other codes Other combinations are reserved. Do not use other than the above
Note:
21. See details in the device BSDL files.
TDO
D2
TDI
TDO
D1
TDI
TDO
D4
TDI
TDO
D3
TDI
TDO
TDI
TDO
D2
TDI
TDO
D1
TDI
TDI
TDO
Figure 3. Scan Chain
18 Mbit
4 Mbit/9 Mbit
[+] Feedback
[+] Feedback


Similar Part No. - CYD18S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBC CYPRESS-CYD18S72V-100BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBC CYPRESS-CYD18S72V-100BBC Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBI CYPRESS-CYD18S72V-100BBI Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD18S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com