Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD04S72V Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYD04S72V
Description  FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD04S72V Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYD04S72V Datasheet HTML 1Page - Cypress Semiconductor CYD04S72V Datasheet HTML 2Page - Cypress Semiconductor CYD04S72V Datasheet HTML 3Page - Cypress Semiconductor CYD04S72V Datasheet HTML 4Page - Cypress Semiconductor CYD04S72V Datasheet HTML 5Page - Cypress Semiconductor CYD04S72V Datasheet HTML 6Page - Cypress Semiconductor CYD04S72V Datasheet HTML 7Page - Cypress Semiconductor CYD04S72V Datasheet HTML 8Page - Cypress Semiconductor CYD04S72V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Document #: 38-06069 Rev. *I
Page 4 of 25
CYD04S72V
CYD09S72V
CYD18S72V
Pin Definitions
Left Port
Right Port
Description
A0L–A17L
A0R–A17R
Address Inputs.
BE0L–BE7L
BE0R–BE7R
Byte Enable Inputs. Asserting these signals enables Read and Write operations
to the corresponding bytes of the memory array.
BUSYL[2,5]
BUSYR[2,5]
Port Busy Output. When the collision is detected, a BUSY is asserted.
CL
CR
Input Clock Signal.
CE0L[9]
CE0R[9]
Active Low Chip Enable Input.
CE1L[8]
CE1R[8]
Active High Chip Enable Input.
DQ0L–DQ71L
DQ0R–DQ71R
Data Bus Input/Output.
OEL
OER
Output Enable Input. This asynchronous signal must be asserted LOW to enable
the DQ data pins during Read operations.
INTL
INTR
Mailbox Interrupt Flag Output. The mailbox permits communications between
ports. The upper two memory locations can be used for message passing. INTL is
asserted LOW when the right port writes to the mailbox location of the left port, and
vice versa. An interrupt to a port is deasserted HIGH when it reads the contents of
its mailbox.
LowSPDL[2,4]
LowSPDR[2,4]
Port Low Speed Select Input. When operating at less than 100 MHz, the LowSPD
disables the port DLL.
PORTSTD[1:0]L[2,4] PORTSTD[1:0]R[2,4] Port Address/Control/Data I/O Standard Select Input.
R/WL
R/WR
Read/Write Enable Input. Assert this pin LOW to write to, or HIGH to Read from
the dual-port memory array.
READYL[2,5]
READYR[2,5]
Port Ready Output. This signal will be asserted when a port is ready for normal
operation.
CNT/MSKL[8]
CNT/MSKR[8]
Port Counter/Mask Select Input. Counter control input.
ADSL[9]
ADSR[9]
Port Counter Address Load Strobe Input. Counter control input.
CNTENL[9]
CNTENR[9]
Port Counter Enable Input. Counter control input.
CNTRSTL[8]
CNTRSTR[8]
Port Counter Reset Input. Counter control input.
CNTINTL[10]
CNTINTR[10]
Port Counter Interrupt Output. This pin is asserted LOW when the unmasked
portion of the counter is incremented to all “1s”.
WRPL[2,3]
WRPR[2,3]
Port Counter Wrap Input. After the burst counter reaches the maximum count, if
WRP is low, the unmasked counter bits will be set to 0. If high, the counter will be
loaded with the value stored in the mirror register.
RETL[2,3]
RETR[2,3]
Port Counter Retransmit Input. Counter control input.
FTSELL[2,3]
FTSELR[2,3]
Flow-Through Select. Use this pin to select Flow-Through mode. When is
de-asserted, the device is in pipelined mode.
VREFL[2,4]
VREFR[2,4]
Port External High-Speed IO Reference Input.
VDDIOL
VDDIOR
Port IO Power Supply.
REV[2,4]L
REV[2,4]R
Reserved pins for future features.
MRST
Master Reset Input. MRST is an asynchronous input signal and affects both ports.
A master reset operation is required at power-up.
TRST[2,5]
JTAG Reset Input.
[+] Feedback
[+] Feedback


Similar Part No. - CYD04S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CYD04S72V-133BBC CYPRESS-CYD04S72V-133BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V-133BBI CYPRESS-CYD04S72V-133BBI Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V-167BBC CYPRESS-CYD04S72V-167BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD04S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com