Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256VNLL-70ZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62256VNLL-70ZXC
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VNLL-70ZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62256VNLL-70ZXC Datasheet HTML 1Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 2Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 3Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 4Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 5Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 6Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 7Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 8Page - Cypress Semiconductor CY62256VNLL-70ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
256K (32K x 8) Static RAM
CY62256VN
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06512 Rev. *A
Revised August 3, 2006
Features
• Temperature Ranges
— Commercial: 0°C to 70°C
— Industrial: –40°C to 85°C
— Automotive-A: –40°C to 85°C
— Automotive-E: –40°C to 125°C
• Speed: 70 ns
• Low voltage range: 2.7V–3.6V
• Low active power and standby power
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Available in standard Pb-free and non Pb-free 28-lead
(300-mil) narrow SOIC, 28-lead TSOP-I and 28-lead
Reverse TSOP-I packages
Functional Description[1]
The CY62256VN family is composed of two high-performance
CMOS static RAM’s organized as 32K words by 8 bits. Easy
memory expansion is provided by an active LOW chip enable
(CE) and active LOW output enable (OE) and tri-state drivers.
These devices have an automatic power-down feature,
reducing the power consumption by over 99% when
deselected.
An active LOW write enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location
addressed by the address present on the address pins (A0
through A14). Reading the device is accomplished by selecting
the device and enabling the outputs, CE and OE active LOW,
while WE remains inactive or HIGH. Under these conditions,
the contents of the location addressed by the information on
address pins are present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and write enable
(WE) is HIGH.
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
A9
A8
A7
A6
A5
A4
A3
A2
COLUMN
DECODER
INPUTBUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
32K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A10
Logic Block Diagram
[+] Feedback


Similar Part No. - CY62256VNLL-70ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VNLL-70ZXC CYPRESS-CY62256VNLL-70ZXC Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
CY62256VNLL-70ZXC CYPRESS-CY62256VNLL-70ZXC Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY62256VNLL-70ZXC CYPRESS-CY62256VNLL-70ZXC Datasheet
408Kb / 14P
   256K (32K 횞 8) Static RAM
More results

Similar Description - CY62256VNLL-70ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com