Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256VLL-70ZXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62256VLL-70ZXI
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256VLL-70ZXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62256VLL-70ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62256VLL-70ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62256V
Document #: 38-05057 Rev. *F
Page 4 of 12
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = VCC(typ.)
6pF
COUT
Output Capacitance
8
pF
Thermal Resistance
Parameter
Description
Test Conditions
SOIC
TSOPI
RTSOPI
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)[6]
Still Air, soldered on a 3 × 4.5 inch,
2-layer printed circuit board
68.45
87.62
87.62
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)[5]
26.94
23.73
23.73
°C/W
AC Test Loads and Waveforms
Parameter
3.3V
Units
R1
1100
Ohms
R2
1500
Ohms
RTH
645
Ohms
VTH
1.750
Volts
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions[6]
Min.
Typ.[2]
Max.
Unit
VDR
VCC for Data Retention
1.4
V
ICCDR
Data Retention Current
VCC = 1.4V, CE > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
Com’l
0.1
3
µA
Ind’l
0.1
6
Auto
0.1
50
tCDR
[6]
Chip Deselect to Data
Retention Time
0ns
tR
[6]
Operation Recovery Time
tRC
ns
VCC
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<5 ns
<5 ns
OUTPUT
VTH
Equivalent to:
THEVENIN EQUIVALENT
ALL INPUT PULSES
R1
RTH
Data Retention Waveform
Notes:
5. Tested initially and after any design or process changes that may affect these parameters.
6. No input may exceed VCC + 0.3V.
VCC(min)
VCC(min)
tCDR
VDR > 1.4V
DATA RETENTION MODE
tR
CE
VCC
[+] Feedback
[+] Feedback


Similar Part No. - CY62256VLL-70ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VLL-70ZC CYPRESS-CY62256VLL-70ZC Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY62256VLL-70ZE CYPRESS-CY62256VLL-70ZE Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY62256VLL-70ZI CYPRESS-CY62256VLL-70ZI Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY62256VLL-70ZRE CYPRESS-CY62256VLL-70ZRE Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY62256VLL-70ZRI CYPRESS-CY62256VLL-70ZRI Datasheet
316Kb / 13P
   32K x 8 Static RAM
More results

Similar Description - CY62256VLL-70ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com