Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB390 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB390
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB390 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB390 Datasheet HTML 1Page - OPTEK Technologies OPB390 Datasheet HTML 2Page - OPTEK Technologies OPB390 Datasheet HTML 3Page - OPTEK Technologies OPB390 Datasheet HTML 4Page - OPTEK Technologies OPB390 Datasheet HTML 5Page - OPTEK Technologies OPB390 Datasheet HTML 6Page - OPTEK Technologies OPB390 Datasheet HTML 7Page - OPTEK Technologies OPB390 Datasheet HTML 8Page - OPTEK Technologies OPB390 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.6
03/07
Page 3 of 10
Slotted Optical Switch
OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Part Number Guide — OPB860 / OPB870
OPB 8 X X X X X
Optek Assembly
Sensor Aperture:
1 — 0.010” (0.254 mm)
5 — 0.050” (1.270 mm)
Phototransistor Output Family
Emitter Aperture:
1 — 0.010” (0.254 mm)
5 — 0.050” (1.270 mm)
Discrete Shell Material:
Mounting Configurations:
6 — Base mount IR transmissive
N — No mounting tabs
Plastic discrete shell
L — Emitter side mounting tab only
PCMountable leads
T — Two mounting tabs
7 — Base mount opaque
P — Phototransistor side mounting side
Plastic discrete shell
PCMountable leads
Electrical Specification Variations:
0 = Electrical Parameter A (lead spacing = 0.320”)
1 = Electrical Parameter B (lead spacing = 0.320”)
2 = Electrical Parameter C (lead spacing = 0.320”)
5 = Electrical Parameter A (lead spacing = 0.220”)
6 = Electrical Parameter B (lead spacing = 0.220”)
7 = Electrical Parameter C (lead spacing = 0.220”)
Part Number Guide — OPB880 / OPB890
OPB 8 X X X X X Z
Optek Assembly
RoHS Compliant
Sensor Aperture:
1 — 0.010” (0.254 mm)
Phototransistor Output Family
5 — 0.050” (1.270 mm)
Emitter Aperture:
1 — 0.010” (0.254 mm)
Discrete Shell Material:
5 — 0.050” (1.270 mm)
8 — Base mount IR transmissive
Plastic discrete shell
Mounting configurations:
9 — Base mount opaque
L — Emitter side mounting tab only
Plastic discrete shell
N — No mounting tabs
P — Phototransistor side mounting side
T — Two mounting tabs
Electrical Specification Variations:
0 = Electrical Parameter A
1 = Electrical Parameter B
2 = Electrical Parameter C
Note: Assemblies with dual 0.010” apertures are
currently available with electrical parameter
“A” only. Wires = 26AWG—24” Long
Part Number Guide — OPB859
OPB 8 5 9
Optek Assembly
Emitter Aperture: 0.050” (1.270 mm)
Sensor Aperture: 0.050” (1.270 mm)
Mounting Configuration:
Phototransistor Output Family
T — Two mounting tabs


Similar Part No. - OPB390

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB390 OPTEK-OPB390 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
logo
TT Electronics.
OPB390 TTELEC-OPB390 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB390 ETC-OPB390 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB390 ETC-OPB390 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB390 ETC2-OPB390 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com