Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA79600GP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA79600GP
Description  Monolithic Linear IC AV TRANSMITTER (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79600GP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA79600GP Datasheet HTML 1Page - Sanyo Semicon Device LA79600GP Datasheet HTML 2Page - Sanyo Semicon Device LA79600GP Datasheet HTML 3Page - Sanyo Semicon Device LA79600GP Datasheet HTML 4Page - Sanyo Semicon Device LA79600GP Datasheet HTML 5Page - Sanyo Semicon Device LA79600GP Datasheet HTML 6Page - Sanyo Semicon Device LA79600GP Datasheet HTML 7Page - Sanyo Semicon Device LA79600GP Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA79600GP
No.A0850-2/8
Electrical Characteristics/Operating Characteristics at Ta
= 25°C, VCC = 5.0V,
Measured with US3ch unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain 1
ICC1
No signal, pin11 high
26
37
48
mA
Current drain 2
ICC2
No signal, pin11 low
17
25
33
mA
Regulator voltage
Vreg
No signal
3.7
3.9
4.1
V
Antenna driver voltage
Vanton
Pin11 high, 220
Ω load
3.2
3.5
3.8
V
RF type
Video carrier output US
Pus
No signal *1
85
87
89
dB
μ
Video carrier output JP
Pjp
No signal *1
84.5
86.5
88.5
dB
μ
Video carrier output TW
Ptwn
No signal *1
84
86
88
dB
μ
Audio carrier output ratio
P/S
S : fp+4.5MHz
14.5
16
17.5
dB
Audio secondary harmonic distortion
P/S2
S2 : fp+2
×4.5MHz
50
65
dB
Audio tertiary harmonic distortion
P/S3
S3 : fp+3
×4.5MHz
45
55
dB
Chroma beat
P/CB
VIN = 3.58MHz, 0.6Vp-p
CB : fp+920kHz
65
72
dB
Video harmonic distortion
P/V2
VIN = 1MHz, 1Vp-p
V2 : fp+2MHz
45
65
dB
Video type
Vide modulation
Mp
VIN = Stair step, 1Vp-p
75
80
85
%
White clip level
(Max video modulation)
WCL
VIN = Stair step, 1.5Vp-p
88
93
98
%
Differential gain
DG
VIN = Stair step, 1Vp-p
-5
5
%
Differential phase
DP
VIN = Stair step, 1Vp-p
-5
5
deg
Audio type
Audio modulation
Ms
Ain = 1kHz, 1Vp-p *2
90
100
110
%
Maximum audio modulation
Msmx
THD
< 3%
400
%
Audio distortion
THD
Ain = 1kHz, 1Vp-p
0.4
2
%
Audio S/N
AS/N
Ain = 1kHz, 1Vp-p
VIN = Color bar, 1Vp-p
45
52
dB
*1 : 9.5dB added to the RFOUT value measured with a analyzer of the input impedance of 50
Ω
*2 : 100% = ±25kHz modulation
Package Dimensions
unit : mm (typ)
3322
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
TOP VIEW
3.5
0.25
0.5
(0.5)
(0.125)
(C0.116)
1
6
24
19
18
13
12
7
SANYO : VCT24(3.5X3.5)X01


Similar Part No. - LA79600GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7910 SANYO-LA7910 Datasheet
57Kb / 3P
   TV Tuner Band Selector?
LA7911 SANYO-LA7911 Datasheet
70Kb / 3P
   TV Tuner Controller
LA7915 SANYO-LA7915 Datasheet
138Kb / 3P
   PERIPHERAL CIRCUIT FOR TV/VTR FREQUENCY SYNTHESIZER CHANNEL SELECT SYSTEM
LA7916 SANYO-LA7916 Datasheet
94Kb / 4P
   Peripheral Circuit for TV/VCR Frepuency Synthesizer Channel Select System
LA7920 SANYO-LA7920 Datasheet
51Kb / 3P
   TV Tuner Band Selector
More results

Similar Description - LA79600GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7161BM SANYO-LA7161BM Datasheet
260Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
   Monolithic Linear IC 4ch Switching Regulator Control IC
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
   Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com