Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA741 Datasheet(PDF) 1 Page - OPTEK Technologies

Part No. OPA741
Description  12 Watt Light Ring on Anotherm Linear Heat Spreader with Lens
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTEK [OPTEK Technologies]
Homepage  http://www.optekinc.com
Logo 

OPA741 Datasheet(HTML) 1 Page - OPTEK Technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 1 of 1
OPA741 Series
12 Watt Light Ring on
Anotherm Linear Heat Spreader with Lens
OPA741 Series
12, 1 watt LEDs per cylindrical substrate
Mono-color per strip (Blue, Green, Red, Yellow, White)
Component beam angle 23°
Universal connector (Tyco 2-292173-2 mates with 173977-2)
RoHS Compliant
The OPA741 Series are designed for areas where lighting intensity and reliability
are essential. The light beam angle of 23° is ideal for illuminating areas close or a long distances from the device
while requiring minimal space. A patented substrate is used to ensure the best heat dissipation of any light
assembly in the industry.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA741_ (23° Beam Angle)
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
OPA741_
See OVSP_BCR4 for
component specifications
Electrical / Optical Characteristics: TA=25°C, IF=700mA
Part Number
Typical Forward Voltage (V)
Luminous Flux (lm)
Beam Angle
Color
OPA741Y23
15.0
357
23°
Yellow
OPA741B23
21.6
92
Blue
OPA741G23
21.6
490
Green
OPA741R23
15.0
265
Red
OPA741W23
21.6
490
White
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
+ Voltage
Ground


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn