Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA733 Datasheet(PDF) 1 Page - OPTEK Technologies

Part No. OPA733
Description  1 Watt Light Spot on Anotherm Linear Heat Spreader
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTEK [OPTEK Technologies]
Homepage  http://www.optekinc.com
Logo 

OPA733 Datasheet(HTML) 1 Page - OPTEK Technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 1 of 1
OPA733 Series
1 Watt Light Spot on
Anotherm Linear Heat Spreader
OPA733 Series
1 watt LED on round substrate
Mono-color per strip (Blue, Green, Red, Yellow, White)
Two component beam angle options (120° or 40°)
Universal connector (Tyco 2-292173-2 mates with 173977-2)
RoHS Compliant
The OPA733 Series are designed for areas where lighting intensity and reliability
are essential. The light beam angles of 40° and 120° are ideal for illuminating small and medium size areas while
requiring minimal space. A patented substrate is used to ensure the best heat dissipation of any light assembly in
the industry.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA733_ (120° Beam Angle)
OPA733_D (40° Beam Angle)
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
OPA733_
See OVSP_BCR4 for
component specifications
See OVSP_4CR44 for
component specifications
OPA733_D
Electrical / Optical Characteristics: TA=25°C, IF=350mA
Part Number
Typical Forward Voltage (V)
Luminous Flux (lm)
Beam Angle
Color
OPA733Y
2.5
26
Yellow
OPA733B
3.6
9
Blue
OPA733G
3.6
48
Green
OPA733R
2.5
35
Red
OPA733W
3.6
48
White
OPA733YD
2.5
26
40°
Yellow
OPA733BD
3.6
9
Blue
OPA733GD
3.6
48
Green
OPA733RD
2.5
35
Red
OPA733WD
3.6
48
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K
+ Voltage
Ground


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn